Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710FQL Datasheet(PDF) 1 Page - Texas Instruments

Part # DLP4710FQL
Description  0.47 1080p DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710FQL Datasheet(HTML) 1 Page - Texas Instruments

  DLP4710FQL Datasheet HTML 1Page - Texas Instruments DLP4710FQL Datasheet HTML 2Page - Texas Instruments DLP4710FQL Datasheet HTML 3Page - Texas Instruments DLP4710FQL Datasheet HTML 4Page - Texas Instruments DLP4710FQL Datasheet HTML 5Page - Texas Instruments DLP4710FQL Datasheet HTML 6Page - Texas Instruments DLP4710FQL Datasheet HTML 7Page - Texas Instruments DLP4710FQL Datasheet HTML 8Page - Texas Instruments DLP4710FQL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLP4710
DLPS056B – NOVEMBER 2014 – REVISED JULY 2016
DLP4710 0.47 1080p DMD
1
1 Features
1
•
0.47-Inch (11.93-mm) Diagonal Micromirror Array
–
1920 × 1080 Array of Aluminum Micrometer-
Sized Mirrors, in an Orthogonal Layout
–
5.4 – Micron Micromirror Pitch
–
±17° Micromirror Tilt (Relative to Flat Surface)
–
Bottom Illumination for Optimal Efficiency and
Optical Engine Size
–
Polarization Independent Aluminum
Micromirror Surface
•
32-Bit SubLVDS Input Data Bus
•
Dedicated DLPC3439 Display Controller and
DLPA3000/DLPA3005 PMIC/LED Drivers for
Reliable Operation
2 Applications
•
Smart Full HD Projector
•
Mobile Accessory Full HD Projector
•
Screenless Display
•
Interactive Display
•
Low Latency Gaming Display
•
Head Mounted Display
3 Description
The DLP4710 digital micromirror device (DMD) is a
digitally
controlled
micro-opto-electromechanical
system (MOEMS) spatial light modulator (SLM).
When coupled to an appropriate optical system, the
DLP4710 DMD displays a very crisp and high quality
image or video. DLP4710 is part of the chipset
comprising of the DLP4710 DMD, DLPC3439 display
controller
and
DLPA3000/DLPA3005
PMIC/LED
drivers. The compact physical size of the DLP4710
coupled with the controller and the PMIC/LED driver
provides a complete system solution that enables
small form factor, low power, and high resolution HD
displays.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLP4710
FQL (100)
24.50-mm × 11-mm × 3.80-mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DLP® DLP4710 0.47 1080p Chipset


Similar Part No. - DLP4710FQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4710FQL TI1-DLP4710FQL Datasheet
792Kb / 43P
0.47 1080p DMD
More results

Similar Description - DLP4710FQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3310 TI1-DLP3310 Datasheet
145Kb / 5P
0.33 1080p DMD
DLP470NE TI1-DLP470NE Datasheet
469Kb / 42P
0.47 1080P DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
0.47 4K UHD DMD
DLP4710 TI1-DLP4710_18 Datasheet
792Kb / 43P
0.47 1080p DMD
DLP3310 TI1-DLP3310_18 Datasheet
901Kb / 41P
DLP3310 0.33 1080p DMD
DLP230NP TI1-DLP230NP Datasheet
122Kb / 6P
23 1080p DMD
DLP470NE TI1-DLP470NE_19 Datasheet
763Kb / 46P
0.47 1080P DMD
DLP4710LC TI1-DLP4710LC Datasheet
760Kb / 44P
DLP4710LC 0.47 1080p DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
DLP651NE 0.65 1080p DMD
DLP781NE TI-DLP781NE Datasheet
1Mb / 44P
DLP781NE 0.78 1080P DMD
OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com