Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM2503 Datasheet(PDF) 2 Page - Texas Instruments

Part # DM2503
Description  Successive Approximation Registers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM2503 Datasheet(HTML) 2 Page - Texas Instruments

  DM2503 Datasheet HTML 1Page - Texas Instruments DM2503 Datasheet HTML 2Page - Texas Instruments DM2503 Datasheet HTML 3Page - Texas Instruments DM2503 Datasheet HTML 4Page - Texas Instruments DM2503 Datasheet HTML 5Page - Texas Instruments DM2503 Datasheet HTML 6Page - Texas Instruments DM2503 Datasheet HTML 7Page - Texas Instruments DM2503 Datasheet HTML 8Page - Texas Instruments DM2503 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLF5702
November 1995
DM2502 DM2503 DM2504 Successive Approximation
Registers
General Description
The DM2502 DM2503 and DM2504 are 8-bit and 12-bit
TTL registers designed for use in successive approximation
AD converters These devices contain all the logic and
control circuits necessary in combination with a DA con-
verter to perform successive approximation analog-to-digital
conversions
The DM2502 has 8 bits with serial capability and is not ex-
pandable The DM2503 has 8 bits and is expandable with-
out serial capability The DM2504 has 12 bits with serial
capability and expandability
All three devices are available in ceramic DIP ceramic flat-
pak and molded Epoxy-B DIPs The DM2502 DM2503 and
DM2504 operate over b55 Cto a125 C the DM2502C
DM2503C and DM2504C operate over 0 Cto a70 C
Features
Y
Complete logic for successive approximation AD con-
verters
Y
8-bit and 12-bit registers
Y
Capable of short cycle or expanded operation
Y
Continuous or start-stop operation
Y
Compatible with DA converters using any logic code
Y
Active low or active high logic outputs
Y
Use as general purpose serial-to-parallel converter or
ring counter
Logic Diagram
Connection Diagrams (Dual-In-Line and Flat Packages)
DM2502 DM2503
DM2504
TLF5702 – 1
Order Number DM2502J DM2502CJ DM2503J
or DM2503CJ
See NS Package J16A
Order Number DM2502CN or DM2503CN
See NS Package N16A
Order Number DM2502W DM2502CW DM2503W
or DM2503CW
See NS Package W16A
Order Number DM2504F or DM2504CJ
See NS Package F24D
Order Number DM2504J or DM2504CJ
See NS Package J24A
Order Number DM2504CN
See NS Package N24A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com