Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS174M Datasheet(PDF) 4 Page - Texas Instruments

Part # DM74LS174M
Description  These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM74LS174M Datasheet(HTML) 4 Page - Texas Instruments

  DM74LS174M Datasheet HTML 1Page - Texas Instruments DM74LS174M Datasheet HTML 2Page - Texas Instruments DM74LS174M Datasheet HTML 3Page - Texas Instruments DM74LS174M Datasheet HTML 4Page - Texas Instruments DM74LS174M Datasheet HTML 5Page - Texas Instruments DM74LS174M Datasheet HTML 6Page - Texas Instruments DM74LS174M Datasheet HTML 7Page - Texas Instruments DM74LS174M Datasheet HTML 8Page - Texas Instruments DM74LS174M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
’LS174 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
30
25
MHz
tPLH
Propagation Delay Time
Clock to
30
32
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Clock to
30
36
ns
High to Low Level Output
Output
tPHL
Propagation Delay Time
Clear to
35
42
ns
High to Low Level Output
Output
Recommended Operating Conditions
Symbol
Parameter
DM54LS175
DM74LS175
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
fCLK
Clock Frequency (Note 1)
0
30
0
30
MHz
fCLK
Clock Frequency (Note 2)
0
25
0
25
MHz
tW
Pulse Width
Clock
20
20
ns
(Note 3)
Clear
20
20
tSU
Data Setup Time (Note 3)
20
20
ns
tH
Data Hold Time (Note 3)
0
0
ns
tREL
Clear Release Time (Note 3)
25
25
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Note 1
CL e 15 pF RL e 2kX TA e 25 C and VCC e 5V
Note 2
CL e 50 pF RL e 2kX TA e 25 C and VCC e 5V
Note 3
TA e 25 C and VCC e 5V
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com