Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA15-2 Datasheet(PDF) 1 Page - Littelfuse

Part # HA15-2
Description  Axial Lead Reed Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HA15-2 Datasheet(HTML) 1 Page - Littelfuse

  HA15-2 Datasheet HTML 1Page - Littelfuse HA15-2 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
littelfuse.com
© 2015 Littelfuse
Revised: 10/16/15
Specifications are subject to change without notice.
HA15-2 15.2mm Sub-miniature HV Reed Switch
Description
The HA15-2 Reed Switch is a sub-miniature, normally open switch with a
15.24mm long x 2.28mm diameter (0.600” x 0.090”) glass envelope and capable
of high voltage switching of 265Vac at 10VA. It has high insulation resistance of
1010 ohms minimum and contact resistance less than 100 milli-ohms. It can
handle light inductive loads with no suppression circuitry and switch European
mains voltage.
Agency Approvals
Agency
Agency File Number
Ampere-Turns Range
E47258
E471070
17-33 AT
DEMKO 14 ATEX 1393U
17-33 AT
Switch Type
Contact Form
A (SPST-NO)
Materials
Body: Glass
Leads: Tin-plated Ni-Fe wire
Axial Lead Reed Switches
Features
• Sub-miniature normally
open switch
• Capable of switching 100-265Vac
or 0.3A up to 20VA loads outside of
this window is rated 10W max (see
Electrical Ratings)
• Minimum voltage breakdown
400Vdc (17-23AT) and 450Vdc
(22+ AT)
• Available sensitivity range
17-33 AT
Benefits
• Hermetically sealed switch
contacts are not affected by and
have no effect on their external
environment
• Capable of switching European
mains voltage
• Zero operating power required for
contact closure
Applications
• Reed Relays
• Security
• Limit Switching
• Office Equipment
• Light Inductive Loads
• European Mains Voltage Switching
Dimensions
Dimensions in mm (inch)
Low Power > HA15-2
RoHS
Note: SPST-NO = Single-pole, single-throw, normally open
Electrical Ratings
Sensitivity 6
17-23
22+
Contact Rating 1
W/VA - max.
20W for
100-265 VAC loads
10W for all other loads
Voltage 3
Switching 2
Breakdown 4
Vdc - max.
Vac - max.
Vdc - min.
200
265 rms
400
200
265 rms
450
Current 3
Switching 2
Carry
Adc - max.
Aac - max.
Adc - max.
0.40
0.30
1.4
0.50
0.35
1.5
Resistance
Contact, Initial
Insulation
Ω - max.
Ω - min.
0.100
1010
0.100
1010
Capacitance
Contact
pF - typ.
0.2
0.2
Temperature
Operating
Storage 5
°C
°C
-20 to +125
-65 to +125
-20 to +125
-65 to +125
Notes:
1. Contact rating - Product of the switching voltage and current should never exceed the wattage rating. Contact Littelfuse for additional load/life information.
2. When switching inductive and/or capacitive loads, the effects of transient voltages and/or currents should be considered. Refer to Application Notes AN108A and AN107 for details.
3. Electrical Load Life Expectancy - Contact Littelfuse with voltage and current values along with type of load.
4. Breakdown Voltage - Per MIL-STD-202, Method 301.
5. Storage Temperature - Long time exposure at elevated temperature may degrade solderability of the lead.
6. Rating Sensitivity - The value at which contact ratings and operating characteristics are determined. Derating may be required for lower values.
20.19
(.795) REF.
12.19
(.480) MIN.
15.24
(.600) MAX.
40.38
(1.590) NOM.
2.28
(.090) DIA. MAX.
0.50
(.020) DIA. REF.
CL OF OVERLAP


Similar Part No. - HA15-2

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HA15-0.9-A+ SLPOWER-HA15-0.9-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HA15-0.9-A+(12V)G SLPOWER-HA15-0.9-A+(12V)G Datasheet
374Kb / 7P
DC Power Supplies
HA15-0.9-A+G SLPOWER-HA15-0.9-A+G Datasheet
374Kb / 7P
DC Power Supplies
logo
Power-One
HA15-0.9-AG POWER-ONE-HA15-0.9-AG Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
More results

Similar Description - HA15-2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DRR-DTH LITTELFUSE-DRR-DTH Datasheet
302Kb / 2P
Axial Lead Reed Switches
DRT-DTH LITTELFUSE-DRT-DTH Datasheet
302Kb / 2P
Axial Lead Reed Switches
FLEX-14 LITTELFUSE-FLEX-14 Datasheet
377Kb / 2P
Axial Lead Reed Switches
MACD-14 LITTELFUSE-MACD-14 Datasheet
498Kb / 2P
Axial Lead Reed Switches
MARR-5 LITTELFUSE-MARR-5 Datasheet
509Kb / 2P
Axial Lead Reed Switches
MDCG-4 LITTELFUSE-MDCG-4 Datasheet
507Kb / 2P
Axial Lead Reed Switches
MDRR-DT LITTELFUSE-MDRR-DT Datasheet
550Kb / 3P
Axial Lead Reed Switches
MITI-3V1 LITTELFUSE-MITI-3V1 Datasheet
503Kb / 2P
Axial Lead Reed Switches
MLRR-3 LITTELFUSE-MLRR-3 Datasheet
494Kb / 2P
Axial Lead Reed Switches
MRPR-3 LITTELFUSE-MRPR-3 Datasheet
506Kb / 2P
Axial Lead Reed Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com