Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

160MT140KB Datasheet(PDF) 2 Page - International Rectifier

Part # 160MT140KB
Description  THREE PHASE BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

160MT140KB Datasheet(HTML) 2 Page - International Rectifier

  160MT140KB Datasheet HTML 1Page - International Rectifier 160MT140KB Datasheet HTML 2Page - International Rectifier 160MT140KB Datasheet HTML 3Page - International Rectifier 160MT140KB Datasheet HTML 4Page - International Rectifier 160MT140KB Datasheet HTML 5Page - International Rectifier 160MT140KB Datasheet HTML 6Page - International Rectifier 160MT140KB Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
130-160MT..KB Series
Bulletin I27502 rev. A 05/03
www.irf.com
2
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
max.
VV
mA
80
800
900
100
1000
1100
130-160MT..KB
120
1200
1300
10
140
1400
1500
160
1600
1700
I
O
Maximum DC output current
130 (160)
160 (200)
A
120° Rect conduction angle
@ Case temperature
85 (62)
85 (60)
°C
I
FSM
Maximum peak, one-cycle forward,
1130
1430
A
t = 10ms
No voltage
non-repetitive surge current
1180
1500
t = 8.3ms
reapplied
950
1200
t = 10ms
100% V
RRM
1000
1260
t = 8.3ms
reapplied
Initial T
J
= T
J
max.
I2t
Maximum I2t for fusing
64000
10200
A2s
t = 10ms
No voltage
5800
9300
t = 8.3ms
reapplied
4500
7200
t = 10ms
100% V
RRM
4100
6600
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
64000
102000
A2
√s t = 0.1 to 10ms, no voltage reapplied
VF(TO)1 Low level value of threshold voltage
0.78
0.81
V
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), @ T
J
max.
VF(TO)2 High level value of threshold voltage
0.99
1.04
(I >
π x I
F(AV)), @ TJ max.
rf1
Low level value of forward slope resistance
4.59
3.52
m
Ω (16.7% x π x I
F(AV) < I < π x IF(AV)), @ TJ max.
rf2
High level value of forward slope resistance
4.17
3.13
(I >
π x I
F(AV)), @ TJ max.
V
FM
Maximum forward voltage drop
1.63
1.49
V
I
pk
= 200A, T
J
= 25°C, t
p
= 400µs single junction
V
INS
RMS isolation voltage
4000
4000
V
T
J
= 25°C, all terminal shorted
f = 50Hz, t = 1s
Parameter
130MT.KB 160MT.KB Units Conditions
Forward Conduction
Thermal and Mechanical Specifications
T
J
Max. junction operating temperature range
-40 to 150
°C
Tstg
Max. storage temperature range
-40 to 150
°C
RthJC Max. thermal resistance, junction to case
0.16
0.12
K/W
DC operation per module
0.93
0.73
DC operation per junction
0.18
0.15
120° Rect condunction angle per module
1.08
0.88
120° Rect condunction angle per junction
RthCS Max. thermal resistance, case to heatsink
0.03
K/W
Per module
Mounting surface smooth, flat and greased
T
Mounting torque ± 10%
to heatsink
4 to 6
Nm
to terminal
3 to 4
wt
Approximate weight
176
g
Parameter
130MT.KB 160MT.KB Units Conditions
A mounting compound is recommended and the
torque should be rechecked after a period of 3
hours to allow for the spread of the compound.
Lubricated threads.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com