Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

160MT160KB Datasheet(PDF) 4 Page - International Rectifier

Part # 160MT160KB
Description  THREE PHASE BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

160MT160KB Datasheet(HTML) 4 Page - International Rectifier

  160MT160KB Datasheet HTML 1Page - International Rectifier 160MT160KB Datasheet HTML 2Page - International Rectifier 160MT160KB Datasheet HTML 3Page - International Rectifier 160MT160KB Datasheet HTML 4Page - International Rectifier 160MT160KB Datasheet HTML 5Page - International Rectifier 160MT160KB Datasheet HTML 6Page - International Rectifier 160MT160KB Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
130-160MT..KB Series
Bulletin I27502 rev. A 05/03
www.irf.com
4
Outline Table (with optional barriers)
All dimensions in millimeters (inches)
A
B
C
D
E
F
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 1 - Current Ratings Characteristics
50
60
70
80
90
100
110
120
130
140
150
0
20
40
60
80 100 120 140 160 180
Total Output Current (A)
120°
(Rect)
130MT..KB Series
1
10
100
1000
012
3
4
5
T= 25°C
J
Instantaneous Forward Voltage (V)
130MT..KB Series
Per Junction
T= 150°C
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com