Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9316 Datasheet(PDF) 2 Page - Texas Instruments

Part # DM9316
Description  9316/DM9316 Synchronous 4-Bit Counters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM9316 Datasheet(HTML) 2 Page - Texas Instruments

  DM9316 Datasheet HTML 1Page - Texas Instruments DM9316 Datasheet HTML 2Page - Texas Instruments DM9316 Datasheet HTML 3Page - Texas Instruments DM9316 Datasheet HTML 4Page - Texas Instruments DM9316 Datasheet HTML 5Page - Texas Instruments DM9316 Datasheet HTML 6Page - Texas Instruments DM9316 Datasheet HTML 7Page - Texas Instruments DM9316 Datasheet HTML 8Page - Texas Instruments DM9316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLF6606
June 1989
9316DM9316 Synchronous 4-Bit Counters
General Description
These synchronous presettable counters feature an inter-
nal carry look-ahead for application in high-speed counting
designs The 9316 is a 4-bit binary counter The carry output
is decoded by means of a NOR gate thus preventing spikes
during the normal counting mode of operation Synchronous
operation is provided by having all flip-flops clocked simulta-
neously so that the outputs change coincident with each
other when so instructed by the count-enables inputs and
internal gating This mode of operating eliminates the output
counting spikes which are normally associated with asyn-
chronous (ripple clock) counters A buffered clock input trig-
gers the four flip-flops on the rising (positive-going) edge of
the clock input waveform
These counters are fully programmable that is the outputs
may be preset to either level As presetting is synchronous
setting up a low level at the load input disables the counter
and causes the outputs to agree with the setup data after
the next clock pulse regardless of the levels of the enable
input Low-to-high transitions at the load input are perfectly
acceptable regardless of the logic levels on the clock or
enable inputs The clear function is asynchronous and a low
level at the clear input sets of the flip-flop outputs low re-
gardless of the levels of clock load or enable inputs
The carry look-ahead circuitry provides for cascading coun-
ters for n-bit synchronous applications without additional
gating Instrumental in accomplishing this function are two
count-enable inputs and a ripple carry output Both count-
enable inputs (P and T) must be high to count and input T is
fed-forward to enable the ripple carry output The ripple car-
ry output thus enabled will produce a high-level output pulse
with a duration approximately equal to the high-level portion
of the QA output This high-level overflow ripple carry pulse
can be used to enable successive cascaded stages High-
to-low level transitions at the enable P or T inputs may occur
regardless of the logic level in the clock
Features
Y
Internal look-ahead for fast counting
Y
Carry output for n-bit cascading
Y
Synchronous counting
Y
Load control line
Y
Diode-clamped inputs
Y
Typical clock frequency 35 MHz
Y
Pin-for-pin replacements popular 5474 counters
5416A7416A (binary)
Y
Alternate MilitaryAerospace device (9316) is available
Contact a National Semiconductor Sales OfficeDistrib-
utor for specifications
Connection Diagram
Dual-In-Line Package
TLF6606 – 1
Order Number 9316DMQB 9316FMQB DM9316J
DM9316W or DM9316N
See NS Package Number J16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com