Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT240E Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT240E
Description  BiCMOS OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT240E Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT240E Datasheet HTML 1Page - Texas Instruments CD74FCT240E Datasheet HTML 2Page - Texas Instruments CD74FCT240E Datasheet HTML 3Page - Texas Instruments CD74FCT240E Datasheet HTML 4Page - Texas Instruments CD74FCT240E Datasheet HTML 5Page - Texas Instruments CD74FCT240E Datasheet HTML 6Page - Texas Instruments CD74FCT240E Datasheet HTML 7Page - Texas Instruments CD74FCT240E Datasheet HTML 8Page - Texas Instruments CD74FCT240E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CD74FCT240
BiCMOS OCTAL BUFFER/LINE DRIVER
WITH 3-STATE OUTPUTS
SCBS729 − JULY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D BiCMOS Technology With Low Quiescent
Power
D Buffered Inputs
D Inverted Outputs
D Input/Output Isolation From V
CC
D Controlled Output Edge Rates
D 64-mA Output Sink Current
D Output Voltage Swing Limited to 3.7 V
D SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design
D Package Options Include Plastic
Small-Outline (M) and Shrink Small-Outline
(SM) Packages and Standard Plastic (E) DIP
description
The CD74FCT240 is an octal buffer/line driver with 3-state outputs, using a small-geometry BiCMOS
technology. The output stages are a combination of bipolar and CMOS transistors that limit the output high level
to two diode drops below VCC. This resultant lowering of output swing (0 V to 3.7 V) reduces power-bus ringing
[a source of electromagnetic interference (EMI)] and minimizes VCC bounce and ground bounce and their
effects during simultaneous output switching. The output configuration also enhances switching speed and is
capable of sinking 64 mA.
The CD74FCT240 is organized as two 4-bit buffers/line drivers with separate active-low output-enable (OE)
inputs. When OE is low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs
are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The CD74FCT240 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each buffer/driver)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
L
L
LH
H
X
Z
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
E, M, OR SM PACKAGE
(TOP VIEW)


Similar Part No. - CD74FCT240E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT240E TI-CD74FCT240E Datasheet
20Kb / 3P
FCT Interface Logic Octal Buffers/Line Drivers, Three-State
More results

Similar Description - CD74FCT240E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
CD74FCT541 TI1-CD74FCT541 Datasheet
507Kb / 12P
BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com