Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT573ATE Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74FCT573ATE
Description  BiCMOS OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT573ATE Datasheet(HTML) 4 Page - Texas Instruments

  CD74FCT573ATE Datasheet HTML 1Page - Texas Instruments CD74FCT573ATE Datasheet HTML 2Page - Texas Instruments CD74FCT573ATE Datasheet HTML 3Page - Texas Instruments CD74FCT573ATE Datasheet HTML 4Page - Texas Instruments CD74FCT573ATE Datasheet HTML 5Page - Texas Instruments CD74FCT573ATE Datasheet HTML 6Page - Texas Instruments CD74FCT573ATE Datasheet HTML 7Page - Texas Instruments CD74FCT573ATE Datasheet HTML 8Page - Texas Instruments CD74FCT573ATE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CD74FCT573, CD74FCT573AT
BiCMOS OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS744A – JULY 2000 – REVISED JULY 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted) (see Figure 1)
FROM
TO
CD74FCT573
CD74FCT573AT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TA = 25°C
MIN
MAX
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
TYP
MIN
MAX
t d
D
Q
5
1.5
8
3.9
1.5
5.7
ns
tpd
LE
Q
9
2
13
4.4
2
7
ns
ten
OE
Q
7
1.5
12
6
1.5
8
ns
tdis
OE
Q
6
1.5
7.5
4
1.5
5.8
ns
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
1
V
VOH(V)
Quiet output, minimum dynamic VOH
0.5
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
34
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com