Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3967SLB Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A3967SLB
Description  MICROSTEPPING DRIVER WITH TRANSLATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3967SLB Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A3967SLB Datasheet HTML 8Page - Allegro MicroSystems A3967SLB Datasheet HTML 9Page - Allegro MicroSystems A3967SLB Datasheet HTML 10Page - Allegro MicroSystems A3967SLB Datasheet HTML 11Page - Allegro MicroSystems A3967SLB Datasheet HTML 12Page - Allegro MicroSystems A3967SLB Datasheet HTML 13Page - Allegro MicroSystems A3967SLB Datasheet HTML 14Page - Allegro MicroSystems A3967SLB Datasheet HTML 15Page - Allegro MicroSystems A3967SLB Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
3967
MICROSTEPPING DRIVER
WITH TRANSLATOR
www.allegromicro.com
13
Dwg. WK-004-16
PHASE 2
CURRENT
100%
–100%
SLOW
DECAY
MIXED
DECAY
SLOW
DECAY
MIXED
DECAY
PHASE 1
CURRENT
STEP
INPUT
SLOW
DECAY
MIXED
DECAY
SLOW
DECAY
MIXED
DECAY
100%
–100%
70.7%
38.3%
–70.7%
–38.3%
70.7%
38.3%
–70.7%
–38.3%
8 Microstep/Step Operation
MS1 = MS2 = H, DIR = H
The mixed-decay mode is controlled by the percent fast
decay voltage (VPFD). If the voltage at the PFD input is
greater than 0.6VCC then slow-decay mode is selected. If
the voltage on the PFD input is less than 0.21VCC then
fast-decay mode is selected. Mixed decay is between
these two levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com