Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83850CVF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83850CVF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83850CVF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83850CVF Datasheet HTML 1Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 2Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 3Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 4Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 5Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 6Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 7Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 8Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
© 1998 National Semiconductor Corporation
www.national.com
June 1998
DP83850C 100 Mb/s TX/T4 Repeater Interface Controller
(100RIC™)
General Description
The DP83850C 100 Mb/s TX/T4 Repeater Interface Con-
troller, known as 100RIC, is designed specifically to meet
the needs of today's high speed Ethernet networking sys-
tems. The DP83850C is fully compatible with the IEEE
802.3 repeater's clause 27.
The DP83850C supports up to twelve 100 Mb/s links with
its network interface ports. The 100RIC can be configured
to be used with either 100BASE-TX or 100BASE-T4 PHY
technologies. Larger repeaters with up to 372 ports may
be constructed by cascading DP83850Cs together using
the built-in Inter Repeater bus.
In conjunction with a DP83856 100 Mb/s Repeater Infor-
mation
Base
device,
a
DP83850C
based
repeater
becomes a managed entity that is compatible with IEEE
802.3u (clause 30), collecting and providing an easy inter-
face to all the required network statistics.
System Diagram
FAST® is a registered trademark of Fairchild Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
100RIC
™ is a trademark of National Semiconductor Corporation.
Note: The above system diagram depicts the repeater configured in 100BASE-TX mode.
DP83856
100 Mb/s
Repeater Information Base
(100RIB)
DP83223
100BASE-X
Transceiver
Port 0
100Mb/s
Ethernet
Ports
Inter Repeater Bus
RX Enable [11..0]
Management Bus
MII
DP83850C
100 Mb/s
Repeater Interface Controller
(100RIC8)
Management
I/O Devices
Program
Memory
Management
CPU
Statistics
SRAM
DP83840A
100 PHY
#0
DP83223
100BASE-X
Transceiver
Port 1
DP83840A
100 PHY
#1
DP83223
100BASE-X
Transceiver
Port 2
DP83840A
100 PHY
#2
DP83223
100BASE-X
Transceiver
Port 11
DP83840A
100 PHY
#11
(IR_COL, IR_DV)
Features
s IEEE 802.3u repeater and management compatible
s Supports Class II TX translational repeater and Class I
T4 repeater
s Supports 12 network connections (ports)
s Up to 31 repeater chips cascadable for larger hub appli-
cations (up to 372 ports)
s Separate jabber and partition state machines for each
port
s Management interface to DP83856 allows all repeater
MIBs to be maintained
s Large per-port management counters - reduces man-
agement CPU overhead
s On-chip elasticity buffer for PHY signal re-timing to the
DP83850C clock source
s Serial register interface - reduces cost
s Physical layer device control/status access available via
the serial register interface
s Detects repeater identification errors
s 132 pin PQFP package


Similar Part No. - DP83850CVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83856B TI1-DP83856B Datasheet
430Kb / 30P
DP83856B 100Mb/s Repeater Information Base
logo
National Semiconductor ...
DP83858 NSC-DP83858 Datasheet
291Kb / 37P
100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
DP83858VF NSC-DP83858VF Datasheet
291Kb / 37P
100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
More results

Similar Description - DP83850CVF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83820 NSC-DP83820 Datasheet
1Mb / 87P
10/100/1000 Mb/s PCI Ethernet Network Interface Controller
DP83858 NSC-DP83858 Datasheet
291Kb / 37P
100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
RIC??Repeater Interface Controller
logo
List of Unclassifed Man...
MX98745 ETC-MX98745 Datasheet
166Kb / 36P
100 BASE-TX/FX REPEATER CONTROLLER
logo
National Semiconductor ...
DP83821 NSC-DP83821 Datasheet
1Mb / 86P
10/100/1000 Mb/s PCI Ethernet Network Interface Controller
logo
ASIX Electronics Corpor...
AX88850 ASIX-AX88850 Datasheet
420Kb / 39P
100BASE-TX/FX Repeater Controller
logo
Macronix International
MX98741 MCNIX-MX98741 Datasheet
180Kb / 34P
XRC 100 BASE-TX/FX REPEATER CONTROLLER
logo
National Semiconductor ...
MNDP83950B-VQB NSC-MNDP83950B-VQB Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
logo
Bothhand USA, LP.
14ST9012P-LF BOTHHAND-14ST9012P-LF Datasheet
157Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s applications
16ST0009P-LF BOTHHAND-16ST0009P-LF Datasheet
158Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com