Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC208DBLE Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC208DBLE
Description  DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC208DBLE Datasheet(HTML) 5 Page - Texas Instruments

  CDC208DBLE Datasheet HTML 1Page - Texas Instruments CDC208DBLE Datasheet HTML 2Page - Texas Instruments CDC208DBLE Datasheet HTML 3Page - Texas Instruments CDC208DBLE Datasheet HTML 4Page - Texas Instruments CDC208DBLE Datasheet HTML 5Page - Texas Instruments CDC208DBLE Datasheet HTML 6Page - Texas Instruments CDC208DBLE Datasheet HTML 7Page - Texas Instruments CDC208DBLE Datasheet HTML 8Page - Texas Instruments CDC208DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CDC208
DUAL 1LINE TO 4LINE CLOCK DRIVER
WITH 3STATE OUTPUTS
SCAS109F − APRIL 1990 − REVISED OCTOBER 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
1A and 2A
Any Y
5.3
8.5
10.9
5.3
11.7
ns
tPHL
1A and 2A
Any Y
3.6
7.7
11
3.6
11.5
ns
tPLH
1OE1, 1OE2, and
Any Y
4.7
8.5
11.7
4.7
12.8
ns
tPHL
1OE1, 1OE2, and
2OE1, 2OE2
Any Y
4.4
8.4
11.3
4.4
12.4
ns
tPZH
1OE2 or 2OE2
Any Y
4.4
8.1
11.3
4.4
12.4
ns
tPZL
1OE1 or 2OE1
Any Y
5
9.6
13.3
5
14.9
ns
tPHZ
1OE2 or 2OE2
Any Y
4.2
7.4
9.3
4.2
10.2
ns
tPLZ
1OE1 or 2OE1
Any Y
5.4
7.5
9.2
5.4
9.9
ns
switching characteristics, VCC = 5 V ± 0.25 V, TA = 25°C to 70°C (see Note 3 and Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tPLH
1A and 2A
Any Y
6.6
10.2
ns
tPHL
1A and 2A
Any Y
6.6
9.8
ns
tsk(o)
1A and 2A
Any Y
1
ns
NOTE 3: All specifications are valid only for all outputs switching simultaneously and in phase.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per bank
Outputs enabled
CL = 50 pF, f = 1 MHz
96
pF
Cpd
Power dissipation capacitance per bank
Outputs disabled
CL = 50 pF, f = 1 MHz
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com