Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC209 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC209
Description  3-3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC209 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC209_15 Datasheet HTML 3Page - Texas Instruments CDC209_15 Datasheet HTML 4Page - Texas Instruments CDC209_15 Datasheet HTML 5Page - Texas Instruments CDC209_15 Datasheet HTML 6Page - Texas Instruments CDC209_15 Datasheet HTML 7Page - Texas Instruments CDC209_15 Datasheet HTML 8Page - Texas Instruments CDC209_15 Datasheet HTML 9Page - Texas Instruments CDC209_15 Datasheet HTML 10Page - Texas Instruments CDC209_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CDC2509
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS580C − OCTOBER 1996 − REVISED DECEMBER 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
PHASE ERROR
vs
CLOCK FREQUENCY
35
−0.3
−0.5
−0.7
−0.9
45
55
65
95
105
fclk − Clock Frequency − MHz
85
−0.2
−0.4
−0.6
−0.8
75
115 125
VDD = 3.3 V
TA = 25°C
−0.1
0
25
Figure 4
VDD = 3.3 V
CL = 30 pF
OUTPUT DUTY CYCLE
vs
CLOCK FREQUENCY
57%
53%
51%
47%
43%
55%
49%
45%
40
50
60
70
100 110
fclk − Clock Frequency − MHz
90
80
120 130
30
ANALOG SUPPLY CURRENT
vs
CLOCK FREQUENCY
35
6
4
2
0
45
55
65
95
105
fclk − Clock Frequency − MHz
85
7
5
3
1
75
115 125
VDD = 3.3 V
TA = 25°C
8
9
25
Figure 5
0
50
100
150
200
250
20
40
60
80
100
120
140
SUPPLY CURRENT
vs
CLOCK FREQUENCY
fclk − Clock Frequency − MHz
VCC = 3.6 V
TA = 25°C
CLY = CLF = 30 pF
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com