Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02YFPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02YFPR
Description  Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC3RL02YFPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDC3RL02YFPR Datasheet HTML 8Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 9Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 10Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 11Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 12Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 13Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 14Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 15Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LDO
TCXO CLK
TCXO REQ
TCXO CLK
TCXO REQ
GPS
WLAN
TCXO
1 µF
2.2 µF
Li
CLK_REQ_1
CLK_OUT_1
CLK_REQ_2
CLK_OUT_2
GND
VBATT
VLDO
CDC3RL02
MCLK_IN
CDC3RL02
SCHS371C – NOVEMBER 2009 – REVISED JANUARY 2016
www.ti.com
9.2 Typical Application
The CDC3RL02 is ideal for use in mobile applications as shown in Figure 12. In this example, a single low noise
TCXO system clock source is buffered to drive a mobile GPS receiver and WLAN transceiver. Each peripheral
independently requests an active clock by asserting a single clock request line (CLK_REQ_1 or CLK_REQ_2).
When both clock request lines are inactive, the CDC3RL02 enters a low current shutdown mode. In this mode,
the LDO output, CLK_OUT_1, and CLK_OUT_2 are pulled to GND and the TCXO will be unpowered.
Figure 12. Mobile Application
When either peripheral requests the clock, the CDC3RL02 will enable the LDO and power the TCXO. The TCXO
output (square wave, sine wave, or clipped sine wave) is converted to a square wave and buffered to the
requested output.
9.2.1 Design Requirements
For the typical application, the user must know the following parameters.
Table 2. Design Parameters
PARAMETER
DESCRIPTION
EXAMPLE VALUE
VBATT
Input voltage from battery or power supply
3.7 V
MCLK_IN
Input frequency from a TCXO
26 MHz
9.2.2 Detailed Design Procedure
The designer must make sure that all parameters are within the ranges specified in Recommended Operating
Conditions.
Each device which receives a clock output from the CDC3RL02 should have the CLK request pin connected to
the appropriate CLK_REQ pin on the CDC3RL02. This will enable the output buffer when a device requests the
clock signal.
It is possible to have a control the outputs of the clock by using a GPIO from a controller to control the CLK_REQ
pins.
If one of the outputs is unused, then tie the CLK_REQ and CLK_OUT pins to ground. If the clock will always be
required, and the user wishes, it is acceptable to tie the CLK_REQ pin to a 1.8 V source (such as VLDO).
12
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com