Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETF12STLR Datasheet(PDF) 3 Page - International Rectifier

Part # 10ETF12STLR
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF12STLR Datasheet(HTML) 3 Page - International Rectifier

  10ETF12STLR Datasheet HTML 1Page - International Rectifier 10ETF12STLR Datasheet HTML 2Page - International Rectifier 10ETF12STLR Datasheet HTML 3Page - International Rectifier 10ETF12STLR Datasheet HTML 4Page - International Rectifier 10ETF12STLR Datasheet HTML 5Page - International Rectifier 10ETF12STLR Datasheet HTML 6Page - International Rectifier 10ETF12STLR Datasheet HTML 7Page - International Rectifier 10ETF12STLR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
10ETF..S QUIET
IR Series
I2140 rev. A 12/99
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC
Max. Thermal Resistance Junction
1.5
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
40
°C/W
to Ambient (PCB Mount)**
T
s
Soldering Temperature
240
°C
wt
Approximate Weight
2 (0.07)
g (oz.)
Case Style
D2Pak (SMD-220)
Thermal-Mechanical Specifications
Parameters
10ETF..S
Units
Conditions
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140µm) copper 40°C/W
For recommended footprint and soldering techniques refer to application note #AN-994
120
125
130
135
140
145
150
02
468
1 0
1 2
30°
60°
90°
120°
180°
Co nd u ctio n Ang le
A v e rag e Fo r w ard C u rre n t ( A )
1 0 E T F. .S S e rie s
R
( D C ) = 1 . 5 ° C /W
thJ C
12 0
12 5
13 0
13 5
14 0
14 5
15 0
02468
1 0
1 2
1 4
1 6
DC
30°
60°
90 °
120 °
180 °
Co nd u ction Perio d
A v era g e Fo rw a rd C u rre n t ( A )
1 0 E T F. .S Se rie s
R
(D C ) = 1 .5 °C/ W
thJ C
0
4
8
12
16
20
04
8
1 2
1 6
DC
180 °
120 °
90 °
60 °
30 °
A v e ra g e Fo rw a rd C u rre n t ( A )
RM S L im it
Co nd u ction Pe riod
1 0 E T F..S Se rie s
T = 150 °C
J
0
2
4
6
8
10
12
14
16
02
46
8
1 0
A v e ra g e Fo rw a rd C u rre n t ( A )
RM S L im it
Co nd uc tio n Ang le
180 °
120 °
90 °
60 °
30 °
1 0 E TF . .S S e rie s
T = 150 °C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com