Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421RGET Datasheet(PDF) 16 Page - Texas Instruments

Part # CDCE421RGET
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421RGET Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCE421RGET Datasheet HTML 12Page - Texas Instruments CDCE421RGET Datasheet HTML 13Page - Texas Instruments CDCE421RGET Datasheet HTML 14Page - Texas Instruments CDCE421RGET Datasheet HTML 15Page - Texas Instruments CDCE421RGET Datasheet HTML 16Page - Texas Instruments CDCE421RGET Datasheet HTML 17Page - Texas Instruments CDCE421RGET Datasheet HTML 18Page - Texas Instruments CDCE421RGET Datasheet HTML 19Page - Texas Instruments CDCE421RGET Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
APPENDIX A: TEST CONFIGURATIONS
S0248-01
LVDS
LVDS
100 W
S0249-01
VCC – 2V
LVPECL
LVPECL
50 W
50 W
S0250-01
LVDS
50 W
PhaseNoise
Analyzer
S0251-01
LVPECL
50 W
PhaseNoise
Analyzer
150 W
150 W
CDCE421
SCAS842B – APRIL 2007 – REVISED JANUARY 2009..................................................................................................................................................... www.ti.com
Test setups are used to characterize the CDCE421 device in ac and dc terminations. Figure 8 through Figure 11
illustrate all four setups used to terminate the clock signal driven by the device under test.
Figure 8. LVDS DC Termination Test Configuration
Figure 9. LVPECL DC Termination Test Configuration
Figure 10. LVDS AC Termination Test Configuration
Figure 11. LVPECL AC Termination Test Configuration
16
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com