Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628 Datasheet(PDF) 16 Page - Analog Devices

Part # AD628
Description  High Common-Mode Voltage Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD628 Datasheet HTML 12Page - Analog Devices AD628 Datasheet HTML 13Page - Analog Devices AD628 Datasheet HTML 14Page - Analog Devices AD628 Datasheet HTML 15Page - Analog Devices AD628 Datasheet HTML 16Page - Analog Devices AD628 Datasheet HTML 17Page - Analog Devices AD628 Datasheet HTML 18Page - Analog Devices AD628 Datasheet HTML 19Page - Analog Devices AD628 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD628
Rev. C | Page 16 of 20
The differential input voltage range is constrained to the
linear operation of the internal amplifiers A1 and A2. The
voltage applied to the inputs of A1 and A2 should be between
VS− + 1.2 V and VS+ − 1.2 V. Similarly, the outputs of A1 and A2
should be kept between VS− + 0.9 V and VS+ − 0.9 V.
VOLTAGE LEVEL CONVERSION
Industrial signal conditioning and control applications typically
require connections between remote sensors or amplifiers and
centrally located control modules. Signal conditioners provide
output voltages up to ±10 V full scale; however, ADCs or
microprocessors operating on single 3.3 V to 5 V logic supplies
are becoming the norm. Thus, the controller voltages require
further reduction in amplitude and reference.
Furthermore, voltage potentials between locations are seldom
compatible, and power line peaks and surges can generate
destructive energy between utility grids. The AD628 is an ideal
solution to both problems. It attenuates otherwise destructive
signal voltage peaks and surges by a factor of 10 and shifts the
differential input signal to the desired output voltage.
Conversion from voltage-driven or current-loop systems is
easily accommodated using the circuit in Figure 32. This shows
a circuit for converting inputs of various polarities and
amplitudes to the input of a single-supply ADC.
Note that the common-mode output voltage can be adjusted by
connecting Pin 3 (VREF) and the lower end of the 10 kΩ resistor
to the desired voltage. The output common-mode voltage will
be the same as the reference voltage.
The design of such an application may be done in a few simple
steps, which include the following:
• Determine the required gain. For example, if the input voltage
must be transformed from ±10 V to 0 V to +5 V, the gain is
+5/+20 or +0.25.
• Determine if the circuit common-mode voltage must be
changed. An AD7715-5 ADC is illustrated for this example.
When operating from a 5 V supply, the common-mode
voltage of the AD7715 is half the supply or 2.5 V. If the
AD628 reference pin and the lower terminal of the 10 kΩ
resistor are connected to a 2.5 V voltage source, the output
common-mode voltage will be 2.5 V.
Table 6 shows resistor and reference values for commonly used
single-supply converter voltages. REXT3 is included as an option.
It is used to balance the source impedance into A2, which is
described in more detail in the Gain Adjustment section.
Table 6. Nearest 1% Resistor Values for Voltages Level
Conversion Applications
Input
Voltage
(V)
ADC
Supply
Voltage
(V)
Desired
Output
Voltage (V)
VREF
(V)
REXT1
(kΩ)
REXT3
(kΩ)
±10
5
2.5
2.5
15.0
4.02
±5
5
2.5
2.5
39.7
2.00
+10
5
2.5
2.5
39.7
2.00
+5
5
2.5
2.5
89.8
1.00
±10
3
1.25
1.25
2.49
7.96
±5
3
1.25
1.25
15.0
4.02
+10
3
1.25
1.25
15.0
4.02
+5
3
1.25
1.25
39.7
2.00
100k
Ω
–IN
AD628
+VS
+IN
–VS
VREF
+IN
–IN
A1
100k
Ω
10k
Ω
CFILT
VIN
(SEE
TABLE 5)
10k
Ω
10k
Ω
+IN
–IN
A2
RG
REXT3
(SEE
TABLE 5)
REXT1
OUT
10k
Ω
G = +0.1
(SEE
TABLE 5)
+5V
AD680
+5V
+5V
AD7715-5
SERIAL CLOCK
CLOCK
NC
+2.5V
SCLK
MCLK IN
MCLK OUT
CS
RESET
AVDD
AIN(+)
AIN(–)
DGND
DVDD
DIN
DOUT
DRDY
AGND
REF IN(–)
REF IN(+)
Figure 32. Level Shifter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com