Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U310 Datasheet(PDF) 1 Page - InterFET Corporation

Part # U310
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

U310 Datasheet(HTML) 1 Page - InterFET Corporation

  U310 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-67
U310
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C.
Reverse Gate Source & Reverse Gate Drain Voltage
– 25 V
Continuous Forward Gate Current
20 mA
Continuous Device Power Dissipation
500 mW
Power Derating
4 mW/°C
TOÐ52 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
Surface Mount
SMPJ310
At 25°C free air temperature:
U310
Process NJ72L
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 150
pA
VGS = – 15V, VDS = ØV
– 150
nA
VGS = – 15V, VDS = ØV
TA = 125°C
Gate Source Cutoff Voltage
VGS(OFF)
– 2.5
– 6
V
VDS = 10V, ID = 1 nA
Gate Source Forward Voltage
VGS(F)
1V
VDS = ØV, IG = 10 mA
Drain Saturation Current (Pulsed)
IDSS
24
60
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
10
17
mS
VDS = 10V, ID = 10 mA
f = 1 kHz
Common Gate Forward Transconductance
gfg
15
mS
VDS = 10V, ID = 10 mA
f = 105 MHz
14
mS
VDS = 10V, ID = 10 mA
f = 450 MHz
250
µS
VDS = 10V, ID = 10 mA
f = 1 kHz
Common Gate Output Conductance
gog
0.18
µS
VDS = 10V, ID = 10 mA
f = 105 MHz
0.32
µS
VDS = 10V, ID = 10 mA
f = 450 MHz
Drain Gate Capacitance
Cdg
2.5
pF
VDS = 10V, VGS = – 10V
f = 1 MHz
Gate Source Capacitance
Cgs
5pF
VDS = 10V, VGS = – 10V
f = 1 MHz
Equivalent Short Circuit
¯eN
10
nV/
√Hz VDS = 10V, ID = 10 mA
f = 100 Hz
Input Noise Voltage
Common Gate Power Gain
Gpg
14
16
dB
VDS = 10V, ID = 10 mA
f = 105 MHz
10
11
dB
VDS = 10V, ID = 10 mA
f = 450 MHz
Noise Figure
NF
1.5
2
dB
VDS = 10V, ID = 10 mA
f = 105 MHz
2.7
3.5
dB
VDS = 10V, ID = 10 mA
f = 450 MHz
¥ Mixer
¥ Oscillator
¥ VHF/UHF Amplifier
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 11:33 AM
Page B-67


Similar Part No. - U310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
U310 FAIRCHILD-U310 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
logo
Calogic, LLC
U310 CALOGIC-U310 Datasheet
24Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
U310 LINEAR-U310 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
logo
EPCOS
U310 EPCOS-U310 Datasheet
86Kb / 7P
Low-Loss Filter for Mobile Communication
logo
Intersil Corporation
U310 INTERSIL-U310 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results

Similar Description - U310

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com