Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS133 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUS133
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUS133 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUS133 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUS133 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistors
BUS133/A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUS133
IC= 0.1A ; IB= 0; L= 10mH
450
V
BUS133A
500
VCE(sat)-1
Collector-Emitter
Saturation Voltage
BUS133
IC= 5A; IB= 0.7A
2.5
V
BUS133A
IC= 5A; IB= 1A
1.0
VCE(sat)-2
Collector-Emitter
Saturation Voltage
BUS133
IC= 10A; IB= 1.3A
3.0
V
BUS133A
IC= 10A; IB= 2A
1.5
VBE(sat)
Base-Emitter
Saturation Voltage
BUS133
IC= 10A; IB= 1.3A
1.5
V
BUS133A
IC= 10A; IB= 2A
1.5
ICEV
Collector Cutoff Current
VCE=VCESMmax;VBE=-1.5V
VCE=VCESMmax;VBE=-1.5V;TJ=100℃
0.25
1.5
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
1
mA
hFE
DC Current Gain
IC= 15A ; VCE= 5V
5
COB
Output Capacitance
IE= 0 ; VCB= 10V; ftest= 1kHz
400
pF
Switching Times , Resistive Load
ton
Turn-On Time
BUS133
IC= 10A ;IB1= 1.3A; IB2= -2.6A
0.4
μs
BUS133A
0.45
tstg
Storage Time
1.3
μs
tf
Fall Time
0.15
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com