Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83858VF Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83858VF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83858VF Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83858VF Datasheet HTML 4Page - National Semiconductor (TI) DP83858VF Datasheet HTML 5Page - National Semiconductor (TI) DP83858VF Datasheet HTML 6Page - National Semiconductor (TI) DP83858VF Datasheet HTML 7Page - National Semiconductor (TI) DP83858VF Datasheet HTML 8Page - National Semiconductor (TI) DP83858VF Datasheet HTML 9Page - National Semiconductor (TI) DP83858VF Datasheet HTML 10Page - National Semiconductor (TI) DP83858VF Datasheet HTML 11Page - National Semiconductor (TI) DP83858VF Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
http:\\www.national.com
2.3 EEPROM Interface
RDIO
I/O/Z, L
—
Register Data I/O: Serial data input/output transfers data to/from the internal regis-
ters. Serial protocol conforms to the IEEE 802.3u MII (Media Independent Interface)
specification.
Note: Input buffer has a weak pull-up.
RDC
I
—
Register Data Clock: All data transfers on RDIO are synchronized to the rising edge
of this clock. RDC is limited to a maximum frequency of 2.5 MHz. At least 3 cycles
of RDC must be provided during assertion of /RST (pin 103) to ensure proper reset
of all internal blocks.
/SDV
I
low
Serial Data Valid: Asserted when a valid read or write command is present. Used to
detect disconnection of the management bus so that synchronization is not lost. If not
used, tie this pin to GND.
Note: Input buffer has a weak pull-up.
/ACTIVEO
O/OC, M
low
Active Out: Enable for the IR_VECT[4:0] and /IR_ACTIVE signals. Used in multi-
DP83858 systems to enable the external buffers driving these Inter Repeater Bus
signals.
A pull up of 680
Ω must be used with this signal.
Note: A table showing pin type designation is given in section 2.5
Signal Name Type Active
Pin Description
EE_CS
O, L
high
EEPROM Chip Select: Asserted during reads to EEPROM.
EE_CK
O, L
—
EEPROM Serial Clock: Local Clock
÷ 32 = 0.78125MHz
EE_DO
I
—
EEPROM Serial Data Out: Connected to the serial data out of the EEPROM.
EE_DI
O, L
—
EEPROM Serial Data In: Connected to the serial data in of the EEPROM.
Signal Name
Type
Active
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com