Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX33A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX33A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX33A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX33A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX33A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
BUX33A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.2A; IB= 0
450
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 8A; IB= 2A
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 12A; IB= 3A
4.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 8A; IB= 2A
1.3
V
ICEX
Collector Cutoff Current
VCE=900V;VBE= -1.5V
VCE=900V;VBE= -1.5V;TC= 100℃
0.1
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 8V; IC= 0
2.0
mA
hFE
DC Current Gain
IC= 8A; VCE= 3V
6
40
fT
Current-Gain—Bandwidth Product
IC= 0.2A; VCE= 10V
15
60
MHz
Switching Times
td
Delay Time
IC= 8A; IB1= 2A; VCC= 240V,
tp= 20μs
0.1
μs
tr
Rise Time
0.45
μs
ts
Storage Time
IC= 8A; IB2= -2A; VCC= 240V,
tp= 20μs
3.0
μs
tf
Fall Time
0.4
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com