Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB10C Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HSB10C
Description  SPEAKER SOUND GENERATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HSB10C Datasheet(HTML) 1 Page - JL World Company Limited.

  HSB10C Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPEAKER SOUND GENERATORS
Specification (all data taken at 25°C unless otherwise specified)
Coil
Impedance
(Ω)
8 ± 15%
Operating
Temperature
(°C)
-5 ~ +60
*Average Sound
Pressure Level
(dB)
83 ± 3
Rated
Power
(W)
0.3
Maximum
Input Power
(W)
0.5
*Frequency
Range
(Hz)
1100 ~ 20000
Resonance
Frequency
(Hz)
1100 ± 20%
Storage
Temperature
(°C)
-20 ~ +70
The specification are only for 8Ω version. Specification for other impedance is available upon request.
*Value normalized to 0.1W input power and 0.1m measuring distance.
HSB10C
www.jlworld.com
Dimensions
Unit : mm
Tolerance : ±0.3mm
Frequency Response
Normalization to 0.1W Input Power
and 0.1m Measuring Distance
HSB10C-8/1023
2.7
Ø9.6
Ø7.0
Ø10.0±0.1
Ø6.8
1.0


Similar Part No. - HSB10C

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HSB10 ALLIED-HSB10 Datasheet
467Kb / 1P
High Current Beads
HSB10-070-RC ALLIED-HSB10-070-RC Datasheet
467Kb / 1P
High Current Beads
HSB10-090-RC ALLIED-HSB10-090-RC Datasheet
467Kb / 1P
High Current Beads
HSB10-101-RC ALLIED-HSB10-101-RC Datasheet
467Kb / 1P
High Current Beads
HSB10-102-RC ALLIED-HSB10-102-RC Datasheet
467Kb / 1P
High Current Beads
More results

Similar Description - HSB10C

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB20A JLWORLD-HSB20A Datasheet
80Kb / 1P
SPEAKER SOUND GENERATORS
HSB20N JLWORLD-HSB20N Datasheet
68Kb / 1P
SPEAKER SOUND GENERATORS
HSB20P JLWORLD-HSB20P Datasheet
59Kb / 1P
SPEAKER SOUND GENERATORS
HSB23E JLWORLD-HSB23E Datasheet
72Kb / 1P
SPEAKER SOUND GENERATORS
HSB28G JLWORLD-HSB28G Datasheet
80Kb / 1P
SPEAKER SOUND GENERATORS
HSB30H JLWORLD-HSB30H Datasheet
64Kb / 1P
SPEAKER SOUND GENERATORS
HSB3232A JLWORLD-HSB3232A Datasheet
91Kb / 1P
SPEAKER SOUND GENERATORS
HSB3434A-4 JLWORLD-HSB3434A-4 Datasheet
90Kb / 1P
SPEAKER SOUND GENERATORS
HSP2040A-8 JLWORLD-HSP2040A-8 Datasheet
49Kb / 1P
SPEAKER SOUND GENERATORS
HSR10D JLWORLD-HSR10D Datasheet
46Kb / 1P
SPEAKER SOUND GENERATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com