Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXT02A Datasheet(PDF) 1 Page - JL World Company Limited.

Part # SXT02A
Description  SPEAKERqSOUNDqGENERATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

SXT02A Datasheet(HTML) 1 Page - JL World Company Limited.

  SXT02A Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPEAKERqSOUNDqGENERATORS
SpecificationgSallgdatagtakengatgRx°6gunlessgotherwisegspecifiedP
6oilg
Impedanceg
SΩP
yg±g3x~
Operating
Temperature
S°6P
HM7g~gvyx
LSoundgPressureg
Levelgatg3KHz
SdAP
qxg±gW
Ratedg
Power
SWP
3
Maximum
InputgPower
SWP
R
Frequency
Range
SHzP
x77g~g3x777
Resonance
Frequencyg
SHzP
x77g±gR7~
Storage
Temperature
S°6P
HM7g~gvyx
ThegspecificationgaregonlygforgyΩgversionzgSpecificationgforgothergimpedancegisgavailablegupongrequestz
LValuegnormalizedgtog3Wginputgpowergandg7z3mgmeasuringgdistancezgTestedgongR77gxgR77mmgfiberboardz
SXT02A
www.jlworld.com
Dimensions
Unitgbgmm
Tolerancegbg±7zWmm
FrequencyqResponse
Normalizationgtog3WgInputgPowerg
andg7z3mgMeasuringgDistance
SXT7RXHy
1K
100
80
60
70
200
500
5K
2K
10K
Hz
20K
dB
100
90
50
3Rz7
Rzx±7zR
xzq


Similar Part No. - SXT02A

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
SXT05A JLWORLD-SXT05A Datasheet
971Kb / 1P
SPEAKERqSOUNDqGENERATORS
More results

Similar Description - SXT02A

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
SXT05A JLWORLD-SXT05A Datasheet
971Kb / 1P
SPEAKERqSOUNDqGENERATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com