Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6635BB Datasheet(PDF) 46 Page - Analog Devices

Part # AD6635BB
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635BB Datasheet(HTML) 46 Page - Analog Devices

Back Button AD6635BB Datasheet HTML 42Page - Analog Devices AD6635BB Datasheet HTML 43Page - Analog Devices AD6635BB Datasheet HTML 44Page - Analog Devices AD6635BB Datasheet HTML 45Page - Analog Devices AD6635BB Datasheet HTML 46Page - Analog Devices AD6635BB Datasheet HTML 47Page - Analog Devices AD6635BB Datasheet HTML 48Page - Analog Devices AD6635BB Datasheet HTML 49Page - Analog Devices AD6635BB Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
REV. 0
–46–
AD6635
Bit 5 determines the word length used by the parallel port. If
this bit is 0, the parallel port uses 12-bit words for I and Q. If
this bit is 1, the parallel port uses 16-bit words for I and Q.
When the fixed-point output option is chosen from the RCF
control register, these bits also set the rounding correctly in the
output formatter of the RCF.
The remaining bits in this register are reserved and should be
written low when programming.
In order to access the Input Port registers, the Access Input/
Output Control registers bit (Bit 5) of the Sleep register (exter-
nal address 0x3) should be set. The CAR (Channel Address
register, external address 0x6) is then written with the address
to the correct Input Port register.
For Channels 0 to 3 and Input Ports A and B, Chip Select 0
(
CS0) should be used while programming using the microport.
Similarly for Channels 4 to 7 and Input Ports C and D, Chip
Select 1 (
CS1) should be used while programming using the
microport.
Note: For the registers in Table XIV, Input Ports A and B
should be duplicated with Input Ports C and D when Chip
Select 1 (
CS1) is used instead of (CS0) while programming the
microport. Similarly, Channels 0 to 3 should also be duplicated
with Channels 4 to 7 wherever mentioned.
Input Port Control Registers
The input port control register enables various input related
features used primarily for input detection and level control.
Depending on the mode of operation, up to four different signal
paths can be monitored with these registers. These features are
accessed by setting Bit 5 of external address 3 (Sleep register)
and then using the CAR (external address 6) to address the
eight locations available.
Response to these settings is directed to the LIA-A, LIA-B,
LIB-A, and LIB-B pins.
0x00 Lower Threshold A
This word is 10 bits wide and maps to the 10 most significant
bits of the mantissa. If the upper 10 bits of Input Port A are less
than or equal to this value, the lower threshold has been met. In
normal chip operation, this starts the dwell time counter. If the
input signal increases above this value then the counter is re-
loaded and waits for the input to drop back to this level.
0x01 Upper Threshold A
This word is 10 bits wide and maps to the 10 MSBs of the
mantissa. If the upper 10 bits of Input Port A are greater than
or equal to this value, the upper threshold has been met. In
normal chip operation, this will cause the appropriate LI pin
(LIA-A or LIA-B) to become active.
0x02 Dwell Time A
This sets the time that the input signal must be at or below the
lower threshold before the LI pin is deactivated. For the input
level detector to work, the dwell time must be set to at least 1.
If set to 0, the LI functions are disabled.
This is a 20-bit register. When the lower threshold is met fol-
lowing an excursion into the upper threshold, the dwell time
counter is loaded and begins to count high speed clock cycles as
long as the input is at or below the lower threshold. If the signal
increases above the lower threshold, the counter is reloaded and
waits for the signal to fall below the lower threshold again.
0x03 Gain Range A Control Register
Bit 4 determines the polarity of LIA-A and LIA-B. If this bit is
clear, the LI signal is high when the upper threshold has been
exceeded. However, if this bit is set, the LI pin is low when active.
This allows maximum flexibility when using this function.
Bit 3 determines if the input consists of a single channel or
TDM channels, such as when using the AD6600. If this bit is
cleared, a single ADC is assumed. In this mode, LIA-A func-
tions as the active output indicator. LIA-B provides the
compliment of LIA-A. However, if this bit is set, the input is
determined to be dual channel and determined by the state of
the IENA pin. If the IENA pin is low, the input detection is
directed to LIA-A. If the IENA pin is high, the input is directed
to LIA-B. In either case, Bit 4 determines the actual polarity of
these signals.
Bits 2–0 determine the internal latency of the gain detect func-
tion. When the LIA-A and LIA-B pins are made active, they are
typically used to change an attenuator or gain stage. Since this
Table XIV. Memory Map for Input Port Control Registers
Channel Address
Register
Bit Width
Comments
00
Lower Threshold A
10
9–0: Lower Threshold for Input A
01
Upper Threshold A
10
9–0: Upper Threshold for Input A
02
Dwell Time A
20
19–0: Minimum Time below Lower Threshold A
03
Gain Range A Control Register
5
4: Output Polarity LIA-A and LIA-B
3: Interleaved Channels
2–0: Linearization Holdoff Register
04
Lower Threshold B
10
9–0: Lower Threshold for Input B
05
Upper Threshold B
10
9–0: Upper Threshold for Input B
06
Dwell Time B
20
19–0: Minimum Time below Lower Threshold B
07
Gain Range B Control Register
5
4: Output Polarity LIB-A and LIB-B
3: Interleaved Channels
2–0: Linearization Holdoff Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com