Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX77X Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX77X
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX77X Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX77X Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX77X Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
BUX77X
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA; IB= 0
80
V
VCES
Collector-Emitter Voltage
IC= 2mA; VBE= 0
100
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
1.0
V
VBE(on)
Base-Emitter On Voltage
IC= 5A; IB= 0.5A
1.3
V
ICEO
Collector Cutoff Current
VCE= 60V; IB= 0
10
μA
ICBO
Collector Cutoff Current
VCB= 80V; IE= 0
VCB= 80V; IE= 0, TC=150℃
0.5
150
μA
IEBO
Emitter Cutoff Current
VEB= 4V; IC= 0
0.5
μA
hFE-1
DC Current Gain
IC= 0.5A; VCE= 5V
70
hFE-2
DC Current Gain
IC= 2A; VCE= 5V
50
120
hFE-3
DC Current Gain
IC= 5A; VCE= 5V
30
hFE-4
DC Current Gain
IC= 1A; VCE= 5V; TC= -40℃
25
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 5V
1.5
MHz
Switching Times
ton
Turn-On Time
IC= 5A; IB1= -IB2= 0.5A; VCC= 40V
0.3
μs
toff
Turn-Off Time
0.7
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com