Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX78 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX78
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX78 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX78 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX78 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon PNP Power Transistor
BUX78
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -50mA; IB= 0
-80
V
VCES
Collector-Emitter Voltage
IC= -2mA; VBE= 0
-100
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -1mA; IC= 0
-6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -5A; IB= -0.5A
-1.0
V
VBE(on)
Base-Emitter On Voltage
IC= -5A; IB= -0.5A
-1.3
V
ICEO
Collector Cutoff Current
VCE= -60V; IB= 0
-10
μA
ICBO
Collector Cutoff Current
VCB= -80V; IE= 0
VCB= -80V; IE= 0, TC=150℃
-0.5
-150
μA
IEBO
Emitter Cutoff Current
VEB= -4V; IC= 0
-0.5
μA
hFE-1
DC Current Gain
IC= -0.5A; VCE= -5V
70
hFE-2
DC Current Gain
IC= -2A; VCE= -5V
50
120
hFE-3
DC Current Gain
IC= -5A; VCE= -5V
30
hFE-4
DC Current Gain
IC= -1A; VCE= -5V; TC= -40℃
25
fT
Current-Gain—Bandwidth Product
IC= -0.5A; VCE= -5V
1.5
MHz
Switching Times
tr
Rise Time
IC= -5A; IB1= -IB2= -0.5A; VCC= -40V
0.2
μs
ts
Storage Time
0.5
μs
tf
Fall Time
0.2
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com