Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM1802RGTR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTR
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1802RGTR Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCM1802RGTR Datasheet HTML 9Page - Texas Instruments CDCM1802RGTR Datasheet HTML 10Page - Texas Instruments CDCM1802RGTR Datasheet HTML 11Page - Texas Instruments CDCM1802RGTR Datasheet HTML 12Page - Texas Instruments CDCM1802RGTR Datasheet HTML 13Page - Texas Instruments CDCM1802RGTR Datasheet HTML 14Page - Texas Instruments CDCM1802RGTR Datasheet HTML 15Page - Texas Instruments CDCM1802RGTR Datasheet HTML 16Page - Texas Instruments CDCM1802RGTR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
EN
IN
Y:/1
Y:/2
Y:/4
High-Z
High-Z
High-Z
Undefined
Undefined
Undefined
Low
Low
Low
1 us
EN
IN
Y:/1
Y:/2
Y:/4
High-Z
High-Z
High-Z
Undefined
Undefined
Undefined
Low
Low
Low
1 us
Signal State After the Device is Enabled (IN = Low)
Signal State After the Device is Enabled (IN = High)
Undivided State is Valid After the First
Positive Transition of the Input Clock
CDCM1802
www.ti.com
SCAS759B – APRIL 2004 – REVISED NOVEMBER 2015
Figure 12. Waveforms
8.4.2.2 Enabling a Single Output Stage
If a single output stage becomes enabled:
•
Y0 will either be low or high (undefined).
•
Y0 will be the inverted signal of Y0.
With the first positive clock transition, the undivided output becomes the input clock state. If a divide mode is
used, the divided output states are equal to the actual internal divider. The internal divider does not get a reset
while enabling single output drivers.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CDCM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com