Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF310 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF310
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF310 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCVF310 Datasheet HTML 4Page - Texas Instruments CDCVF310 Datasheet HTML 5Page - Texas Instruments CDCVF310 Datasheet HTML 6Page - Texas Instruments CDCVF310 Datasheet HTML 7Page - Texas Instruments CDCVF310 Datasheet HTML 8Page - Texas Instruments CDCVF310 Datasheet HTML 9Page - Texas Instruments CDCVF310 Datasheet HTML 10Page - Texas Instruments CDCVF310 Datasheet HTML 11Page - Texas Instruments CDCVF310 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
500
Ω
CL = 25 pF on Yn
From Output
Under Test
1.7 V or 2 V
0.4 V
0.4 V
tPLH
tPHL
50% VDD
50% VDD
VDD
0 V
VOH
VOL
tr
tf
CLK
Yn
50% VDD
50% VDD
VDD
0 V
VOL
VOH
VOL
VOH
CLK
Any Y
Any Y
tsk(o)
tsk(o)
50% VDD
50% VDD
CLK
Yn
tPLH
tPHL
NOTE: tsk(p) = | tPLH − tPHL |
VDD
0 V
VOL
VOH
CDCVF310
SCAS771B – AUGUST 2004 – REVISED JANUARY 2008
A.
CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: Clock Frequency
≤ 200 MHz, ZO = 50
Ω,
tr < 1.2 ns, tf < 1.2 ns.
Figure 2. Test Load Circuit
Figure 3. Voltage Waveforms Propagation Delay Times
Figure 4. Output Skew
Figure 5. Pulse Skew
8
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCVF310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com