Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF855PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF855PW
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF855PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCVF855PW Datasheet HTML 5Page - Texas Instruments CDCVF855PW Datasheet HTML 6Page - Texas Instruments CDCVF855PW Datasheet HTML 7Page - Texas Instruments CDCVF855PW Datasheet HTML 8Page - Texas Instruments CDCVF855PW Datasheet HTML 9Page - Texas Instruments CDCVF855PW Datasheet HTML 10Page - Texas Instruments CDCVF855PW Datasheet HTML 11Page - Texas Instruments CDCVF855PW Datasheet HTML 12Page - Texas Instruments CDCVF855PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
Yx,FBOUT
YxFBOUT
,
T0178-01
f
0 = AverageInputFrequencyMeasuredatCLK/CLK
n= AnyHalfCycle
f
0
1
t
(hper_n)
t
(hper_n+1)
t
jit(hper) =t(hper_n) –
2 f
´ 0
1
ClockInputs
andOutputs
80%
20%
80%
20%
t
r
t
f
V
,V
OH
IH
V ,V
OL
IL
t
slr(I/O) =
t
r
V
– V
80%
20%
t
slf(I/O) =
t
f
V
– V
80%
20%
T0179-01
V
DDQ
AV
DD
AGND
GND
Card
Via
Card
Via
4.7 F
1206
m
0.1 F
0603
m
2200pF
0603
(1)
PLL
S0232-01
Bead
0603
(2)
CDCVF855
SCAS839A – APRIL 2007 – REVISED MAY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 8. Half-Period Jitter
Figure 9. Input and Output Slew Rates
(1)
Place the 2200-pF capacitor close to the PLL.
(2)
Recommended bead: Fair-Rite P/N 2506036017Y0 or equilvalent (0.8
Ω dc maximum, 600 Ω at 100 MHz).
NOTE: Use a wide trace for the PLL analog power and ground. Connect PLL and capacitors to AGND trace and connect
trace to one GND via (farthest from the PLL).
Figure 10. Recommended AVDD Filtering
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com