Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF857 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF857
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF857 Datasheet(HTML) 2 Page - Texas Instruments

  CDCVF857 Datasheet HTML 1Page - Texas Instruments CDCVF857 Datasheet HTML 2Page - Texas Instruments CDCVF857 Datasheet HTML 3Page - Texas Instruments CDCVF857 Datasheet HTML 4Page - Texas Instruments CDCVF857 Datasheet HTML 5Page - Texas Instruments CDCVF857 Datasheet HTML 6Page - Texas Instruments CDCVF857 Datasheet HTML 7Page - Texas Instruments CDCVF857 Datasheet HTML 8Page - Texas Instruments CDCVF857 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
FUNCTION TABLE
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
11 12 13 14 15 16 17 18 19 20
37 36 35 34 33
38
32 31
40 39
GND
GND
Y2
Y2
V
DDQ
CLK
CLK
V
DDQ
AV
DD
AGND
GND
Y7
Y7
V
DDQ
PWRDWN
FBIN
FBIN
V
DDQ
V
DDQ
FBOUT
FBOUT
P0053-01
RHA/RTBPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DGGPACKAGE
(TOP VIEW)
GND
Y0
Y0
V
DDQ
Y1
Y1
GND
GND
Y2
Y2
V
DDQ
V
DDQ
CLK
CLK
V
DDQ
AV
DD
AGND
GND
Y3
Y3
V
DDQ
Y4
Y4
GND
GND
Y5
Y5
V
DDQ
Y6
Y6
GND
GND
Y7
Y7
V
DDQ
PWRDWN
FBIN
FBIN
V
DDQ
FBOUT
FBOUT
GND
Y8
Y8
V
DDQ
Y9
Y9
GND
P0052-01
CDCVF857
SCAS047F – MARCH 2003 – REVISED MAY 2007
(Select Functions)
INPUTS
OUTPUTS
PLL
AVDD
PWRDWN
CLK
CLK
Y[0:9]
Y[0:9]
FBOUT
FBOUT
GND
H
L
H
L
H
L
H
Bypassed/off
GND
H
H
L
H
L
H
L
Bypassed/off
X
L
L
H
Z
Z
Z
Z
Off
X
L
H
L
Z
Z
Z
Z
Off
2.5 V (nom)
H
L
H
L
H
L
H
On
2.5 V (nom)
H
H
L
H
L
H
L
On
2.5 V (nom)
X
<20 MHz
<20 MHz
Z
Z
Z
Z
Off
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com