Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF855PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF855PWR
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF855PWR Datasheet(HTML) 2 Page - Texas Instruments

  CDCVF855PWR Datasheet HTML 1Page - Texas Instruments CDCVF855PWR Datasheet HTML 2Page - Texas Instruments CDCVF855PWR Datasheet HTML 3Page - Texas Instruments CDCVF855PWR Datasheet HTML 4Page - Texas Instruments CDCVF855PWR Datasheet HTML 5Page - Texas Instruments CDCVF855PWR Datasheet HTML 6Page - Texas Instruments CDCVF855PWR Datasheet HTML 7Page - Texas Instruments CDCVF855PWR Datasheet HTML 8Page - Texas Instruments CDCVF855PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
FUNCTION TABLE
1
2
3
4
5
6
7
11
8
12
9
13
10
14
28
27
26
25
24
23
22
18
21
17
20
16
19
15
GND
Y0
Y0
V
DDQ
GND
CLK
CLK
V
DDQ
V
DDQ
Y1
AV
DD
Y1
AGND
GND
GND
Y3
Y3
V
DDQ
PWRDWN
FBIN
FBIN
V
DDQ
V
DDQ
Y2
FBOUT
Y2
FBOUT
GND
PWPACKAGE
(TOP VIEW)
P0043-02
27
Y3
26
16
Y2
17
13
Y1
12
Y0
3
2
20
FBOUT
19
Powerdown
and Test
Logic
9
24
6
23
7
22
PLL
PWRDWN
AV
DD
CLK
CLK
FBIN
FBIN
FBOUT
Y3
Y2
Y1
Y0
B0196-02
CDCVF855
SCAS839A – APRIL 2007 – REVISED MAY 2007
(Select Functions)
INPUTS
OUTPUTS
PLL
AVDD
PWRDWN
CLK
CLK
Y[0:3]
Y[0:3]
FBOUT
FBOUT
GND
H
L
H
L
H
L
H
Bypassed/off
GND
H
H
L
H
L
H
L
Bypassed/off
X
L
L
H
Z
Z
Z
Z
Off
X
L
H
L
Z
Z
Z
Z
Off
2.5 V (nom)
H
L
H
L
H
L
H
On
2.5 V (nom)
H
H
L
H
L
H
L
On
2.5 V (nom)
X
<20 MHz
<20 MHz
Z
Z
Z
Z
Off
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com