Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13302W Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13302W
Description  CSD13302W 12 V N Channel NexFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13302W Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD13302W Datasheet HTML 4Page - Texas Instruments CSD13302W Datasheet HTML 5Page - Texas Instruments CSD13302W Datasheet HTML 6Page - Texas Instruments CSD13302W Datasheet HTML 7Page - Texas Instruments CSD13302W Datasheet HTML 8Page - Texas Instruments CSD13302W Datasheet HTML 9Page - Texas Instruments CSD13302W Datasheet HTML 10Page - Texas Instruments CSD13302W Datasheet HTML 11Page - Texas Instruments CSD13302W Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
M0151-01
SideView
0.62Max
Pin1
Mark
A
B
BottomView
SeatingPlate
0.50
A
B
SolderBall
±0.075
Ø0.31
1
1
2
2
TopView
FrontView
1.00
+0.00
–0.10
CSD13302W
SLPS535 – MARCH 2015
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 CSD13302W Package Dimensions
NOTE: All dimensions are in mm (unless otherwise specified)
Pin Configuration Table
POSITION
DESIGNATION
A2
Source
A1
Gate
B1, B2
Drain
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD13302W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com