Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7475ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD7475ARM
Description  1 MSPS, 12-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475ARM Datasheet(HTML) 3 Page - Analog Devices

  AD7475ARM Datasheet HTML 1Page - Analog Devices AD7475ARM Datasheet HTML 2Page - Analog Devices AD7475ARM Datasheet HTML 3Page - Analog Devices AD7475ARM Datasheet HTML 4Page - Analog Devices AD7475ARM Datasheet HTML 5Page - Analog Devices AD7475ARM Datasheet HTML 6Page - Analog Devices AD7475ARM Datasheet HTML 7Page - Analog Devices AD7475ARM Datasheet HTML 8Page - Analog Devices AD7475ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
AD7475/AD7495
AD7475–SPECIFICATIONS (continued)
Parameter
A Version
1
B Version
1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
(continued)
Power Dissipation
3
Normal Mode (Operational)
10.5
10.5
mW max
VDD = 5 V. fSAMPLE = 1 MSPS
4.5
4.5
mW max
VDD = 3 V. fSAMPLE = 1 MSPS
Partial Power-Down (Static)
500
500
W max
VDD = 5 V
300
300
W max
VDD = 3 V
Full Power-Down
5
5
W max
VDD = 5 V
33
W max
VDD = 3 V
NOTES
1Temperature ranges as follows: A, B Versions: –40 C to +85 C.
2Sample tested @ 25 C to ensure compliance.
3See Power Versus Throughput Rate section.
Specifications subject to change without notice.
(VDD = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, fSCLK = 20 MHz unless otherwise noted; TA = TMIN to
TMAX, unless otherwise noted.)
AD7495–SPECIFICATIONS
1
Parameter
A Version
1
B Version
1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal to Noise + Distortion
68
68
dB min
fIN = 300 kHz Sine Wave, fSAMPLE = 1 MSPS
(SINAD)
Total Harmonic Distortion (THD)
–75
–75
dB max
fIN = 300 kHz Sine Wave, fSAMPLE = 1 MSPS
Peak Harmonic or Spurious Noise
–76
–76
dB max
fIN = 300 kHz Sine Wave, fSAMPLE = 1 MSPS
(SFDR)
Intermodulation Distortion (IMD)
Second Order Terms
–78
–78
dB typ
Third Order Terms
–78
–78
dB typ
Aperture Delay
10
10
ns typ
Aperture Jitter
50
50
ps typ
Full Power Bandwidth
8.3
8.3
MHz typ
@ 3 dB
Full Power Bandwidth
1.3
1.3
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
12
Bits
Integral Nonlinearity
±1.5
±1
LSB max
@ 5 V (typ @ 3 V)
±0.5
±0.5
LSB typ
@ 25
°C
Differential Nonlinearity
+1.5/–0.9
+1.5/–0.9
LSB max
@ 5 V Guaranteed No Missed Codes to 12 Bits
(typ @ 3 V)
±0.6
±0.6
LSB typ
@ 25
°C
Offset Error
±8
±8
LSB max
Typically
±2.5 LSB
Gain Error
±7
±7
LSB max
Typically
±2.5 LSB
ANALOG INPUT
Input Voltage Ranges
0 to 2.5
0 to 2.5
Volts
DC Leakage Current
±1
±1
µA max
Input Capacitance
20
20
pF typ
REFERENCE OUTPUT
REF OUT Output Voltage
2.4625/2.5375 2.4625/2.5375
V min/max
REF OUT Impedance
10
10
Ω typ
REF OUT Temperature Coefficient 50
50
ppm/ C typ
LOGIC INPUTS
Input High Voltage, VINH
VDRIVE – 1
VDRIVE – 1
V min
Input Low Voltage, VINL
0.4
0.4
V max
Input Current, IIN
±1
±1
µA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN
2
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.2
V min
ISOURCE = 200
µA; V
DD = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200
µA
Floating-State Leakage Current
±10
±10
µA max
Floating-State Output Capacitance
2
10
10
pF max
Output Coding
Straight (Natural) Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com