Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD23381F4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CSD23381F4
Description  12 V P-Channel FemtoFET MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23381F4 Datasheet(HTML) 4 Page - Texas Instruments

  CSD23381F4 Datasheet HTML 1Page - Texas Instruments CSD23381F4 Datasheet HTML 2Page - Texas Instruments CSD23381F4 Datasheet HTML 3Page - Texas Instruments CSD23381F4 Datasheet HTML 4Page - Texas Instruments CSD23381F4 Datasheet HTML 5Page - Texas Instruments CSD23381F4 Datasheet HTML 6Page - Texas Instruments CSD23381F4 Datasheet HTML 7Page - Texas Instruments CSD23381F4 Datasheet HTML 8Page - Texas Instruments CSD23381F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
− V
DS - Drain-to-Source Voltage (V)
VGS = −4.5V
VGS = −2.5V
VGS = −1.8V
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.5
1
1.5
2
2.5
3
3.5
4
− V
GS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = −5V
G001
CSD23381F4
SLPS450E – OCTOBER 2013 – REVISED MAY 2015
www.ti.com
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: CSD23381F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com