Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7912AUJ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7912AUJ-R2
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912AUJ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7912AUJ-R2 Datasheet HTML 19Page - Analog Devices AD7912AUJ-R2 Datasheet HTML 20Page - Analog Devices AD7912AUJ-R2 Datasheet HTML 21Page - Analog Devices AD7912AUJ-R2 Datasheet HTML 22Page - Analog Devices AD7912AUJ-R2 Datasheet HTML 23Page - Analog Devices AD7912AUJ-R2 Datasheet HTML 24Page - Analog Devices AD7912AUJ-R2 Datasheet HTML 25Page - Analog Devices AD7912AUJ-R2 Datasheet HTML 26Page - Analog Devices AD7912AUJ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 23 of 32
SCLK
CS
DOUT
DON'T CARE
DON'T CARE
VALID DATA ADC2
VALID DATA ADC1
DON'T CARE
DON'T CARE
NORMAL MODE
CONVERSION ON THE
TWO DEVICES
NORMAL MODE
CONVERSION ON THE
TWO DEVICES
CHANGE MODE
CS HIGH
BETWEEN THE
10TH–12TH SCLK
FALLING EDGE
DAISY-CHAIN MODE
DATA IS SHIFTED
FROM ONE ADC TO
THE NEXT ONE
DAISY-CHAIN MODE
DATA IS SHIFTED
FROM ONE ADC TO
THE NEXT ONE
DIN
DON'T CARE
DON'T CARE
CH
≠ STY
CH
≠ STY
DON'T CARE
DON'T CARE
THE DATA WILL BE
EVENTUALLY LOST,
COMMAND3
SET CHANNEL
FOR ADC2,
COMMAND2
SET CHANNEL
FOR ADC1,
COMMAND1
CHANGE MODE
CS HIGH BETWEEN THE
10TH–13TH SCLK
FALLING EDGE
KEEP THE DEVICES IN
DAISY-CHAIN MODE
Figure 34. Daisy-Chain Diagrams—1
NORMAL CONVERSION
DAISY-CHAIN CYCLE
THE PARTS ENTER
DAISY-CHAIN MODE
1
16
1
10
1
10
12
14
16
SCLK
CS
DIN
DOUT
DOUT1
(DIN2)*
12
DON'T CARE
DON'T CARE
COMMAND3 WITH CHN
≠ STY
0, 0, CHN = MOD, VALID DATA ADC1
(0, 0, CHN = STY, VALID DATA ADC1)
DON'T CARE
0, 0, CHN
≠ MOD, VALID DATA ADC1
(0, 0, CHN
≠ STY, VALID DATA ADC1)
0, 0, CHN = MOD, VALID DATA ADC2
DON'T CARE
0, 0, CHN
≠ MOD, VALID DATA ADC2
NOTE
*INFORMATION IN BRACKETS CORRESPONDS TO DATA CLOCKED INTO DIN2 PIN
SCLK
CS
DIN
DOUT
DOUT1
(DIN2)*
COMMAND2 WITH CHN
≠ STY
COMMAND1
DON'T CARE
COMMAND3
COMMAND2
0, 0, CHN = MOD, VALID DATA ADC1
(0, 0, CHN = STY, VALID DATA ADC1)
0, 0, CHN
≠ MOD, VALID DATA ADC1
COMMAND3
0, 0, CHN = MOD, VALID DATA ADC2
DAISY-CHAIN CYCLE
NORMAL CONVERSION
THE PARTS ENTER
NORMAL MODE
1
10
121416
1
10
13
1
16
SHIFTED INTO THE ADC1 INTERNAL REGISTER,
THIS DATA WILL BE EVENTUALLY LOST
SHIFTED INTO THE ADC2
INTERNAL REGISTER
SHIFTED INTO THE ADC1
INTERNAL REGISTER
SHIFTED INTO THE ADC1 INTERNAL REGISTER, IT
CONTAINS CHANNEL FOR NEXT CONVERSION ON ADC1
SHIFTED INTO THE ADC2
INTERNAL REGISTER
SHIFTED INTO THE ADC2 INTERNAL REGISTER, IT
CONTAINS CHANNEL FOR NEXT CONVERSION ON ADC2
Figure 35. Daisy-Chain Diagrams—II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com