Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8392CV Datasheet(PDF) 2 Page - Texas Instruments

Part # DP8392CV
Description  Coaxial Transceiver Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8392CV Datasheet(HTML) 2 Page - Texas Instruments

  DP8392CV Datasheet HTML 1Page - Texas Instruments DP8392CV Datasheet HTML 2Page - Texas Instruments DP8392CV Datasheet HTML 3Page - Texas Instruments DP8392CV Datasheet HTML 4Page - Texas Instruments DP8392CV Datasheet HTML 5Page - Texas Instruments DP8392CV Datasheet HTML 6Page - Texas Instruments DP8392CV Datasheet HTML 7Page - Texas Instruments DP8392CV Datasheet HTML 8Page - Texas Instruments DP8392CV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TLF11085
October 1995
DP8392CDP8392C-1 CTI
Coaxial Transceiver Interface
General Description
The DP8392C Coaxial Transceiver Interface (CTI) is a coax-
ial cable line driverreceiver for EthernetThin Ethernet
(Cheapernet) type local area networks The CTI is connect-
ed between the coaxial cable and the Data Terminal Equip-
ment (DTE) In Ethernet applications the transceiver is usu-
ally mounted within a dedicated enclosure and is connected
to the DTE via a transceiver cable In Cheapernet applica-
tions the CTI is typically located within the DTE and con-
nects to the DTE through isolation transformers only The
CTI consists of a Receiver Transmitter Collision Detector
and a Jabber Timer The Transmitter connects directly to a
50 ohm coaxial cable where it is used to drive the coax
when transmitting During transmission a jabber timer is ini-
tiated to disable the CTI transmitter in the event of a longer
than legal length data packet Collision Detection circuitry
monitors the signals on the coax to determine the presence
of colliding packets and signals the DTE in the event of a
collision
The CTI is part of a three chip set that implements the com-
plete IEEE 8023 compatible network node electronics as
shown below The other two chips are the DP8391 Serial
Network Interface (SNI) and the DP8390 Network Interface
Controller (NIC)
The SNI provides the Manchester encoding and decoding
functions whereas the NIC handles the Media Access Pro-
tocol and the buffer management tasks Isolation between
the CTI and the SNI is an IEEE 8023 requirement that can
be easily satisfied on signal lines using a set of pulse trans-
formers that come in a standard DIP However the power
isolation for the CTI is done by DC-to-DC conversion
through a power transformer
Features
Y
Compatible with Ethernet II IEEE 8023 10Base5 and
10Base2 (Cheapernet)
Y
Integrates all transceiver electronics except signal
power isolation
Y
Innovative design minimizes external component count
Y
Jabber timer function integrated on chip
Y
Externally selectable CD Heartbeat allows operation
with IEEE 8023 compatible repeaters
Y
Precision circuitry implements receive mode collision
detection
Y
Squelch circuitry at all inputs rejects noise
Y
Designed
for
rigorous
reliability
requirements
of
IEEE 8023
Y
Standard Outline 16-pin DIP uses a special leadframe
that significantly reduces the operating die temperature
Table of Contents
10
System Diagram
20
Block Diagram
30
Functional Description
31 Receiver Functions
32 Transmitter Functions
33 Collision Functions
34 Jabber Functions
40
Typical Applications
50
Connection Diagrams
60
Pin Descriptions
70
Absolute Maximum Ratings
80
DP8392C Electrical Characteristics
90
DP8392C-1 Electrical Characteristics
100 Switching Characteristics
110 Timing and Load Diagram
10 System Diagram
TLF11085 – 1
IEEE 8023 Compatible EthernetCheapernet Local Area Network Chip Set
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com