Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8573AV/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DP8573AV/NOPB
Description  DP8573A Real Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8573AV/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP8573AV/NOPB Datasheet HTML 7Page - Texas Instruments DP8573AV/NOPB Datasheet HTML 8Page - Texas Instruments DP8573AV/NOPB Datasheet HTML 9Page - Texas Instruments DP8573AV/NOPB Datasheet HTML 10Page - Texas Instruments DP8573AV/NOPB Datasheet HTML 11Page - Texas Instruments DP8573AV/NOPB Datasheet HTML 12Page - Texas Instruments DP8573AV/NOPB Datasheet HTML 13Page - Texas Instruments DP8573AV/NOPB Datasheet HTML 14Page - Texas Instruments DP8573AV/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Functional Description (Continued)
ternal interrupt will be issued Note that the linear power fail
circuitry is switched off automatically when using VBB in
standby mode
INITIAL POWER ON DETECT AND
POWER FAIL TIME SAVE
There are two other functions provided on the DP8573A to
ease power supply control These are an initial Power On
detect circuit which also can be used as a time keeping
failure detect and a time save on power failure
On initial power up the Oscillator Fail Flag will be set to a
one and the real time clock start bit reset to a zero This
indicates that an oscillator fail event has occurred and time
keeping has failed
The Oscillator Fail flag will not be reset until the real-time
clock is started This allows the system to discriminate be-
tween an initial power-up and recovery from a power failure
If the battery backed mode is selected then bit D6 of the
Periodic Flag Register must be written low This will not af-
fect the contents of the Oscillator Fail Flag
To relieve CPU overhead for saving time upon power failure
the Time Save Enable bit is provided to do this automatical-
ly (See also Reading the Clock Latched Read) The Time
Save Enable bit when set causes the Time Save RAM to
follow the contents of the clock This bit can be reset by
software but if set before a power failure occurs it will auto-
matically be reset when the clock switches to the battery
supply (not when a power failure is detected by the PFAIL
pin) Thus writing a one to the Time Save bit enables both a
software write or power fail write
SINGLE POWER SUPPLY APPLICATIONS
The DP8573A can be used in a single power supply applica-
tion To achieve this the VBB pin must be connected to
ground and the power connected to VCC The Oscillator
FailedSingle Supply bit in the Periodic Flag Register should
be set to a logic 1 which will disable the oscillator battery
reference circuit The power fail interrupt should also be dis-
abled This will turn off the linear power fail detection cir-
cuits and will eliminate any quiescent power drawn through
these circuits
DETAILED REGISTER DESCRIPTION
There are 5 external address bits Thus the host microproc-
essor has access to 28 locations at one time An internal
switching scheme provides a total of 30 locations
The only register that does not get switched is the Main
Status Register It contains the register select bit as well as
status information
A memory map is shown in
Figure 2 and register addressing
in Table III They show the name address and page loca-
tions for the DP8573A
TABLE III RegisterCounterRAM
Addressing for DP8573A
A0-4
RS
Description
(Note 1)
CONTROL REGISTERS
00
X
Main Status Register
01
0
NA
02
0
NA
03
0
Periodic Flag Register
04
0
Time Save Control Register
01
1
Real Time Mode Register
02
1
Output Mode Register
03
1
Interrupt Control Register 0
04
1
Interrupt Control Register 1
COUNTERS (CLOCK CALENDAR)
05
X
1100 110 Seconds
(0 – 99)
06
X
Seconds
(0 – 59)
07
X
Minutes
(0 – 59)
08
X
Hours
(1 – 12 0 – 23)
09
X
Days of Month
(1 – 28293031)
0A
X
Months
(1 – 12)
0B
X
Years
(0 – 99)
0C
X
RAM
0D
X
D0 D1 bits only
0E
X
Day of Week
(1 – 7)
0F
X
NA
10
X
NA
11
X
NA
12
X
NA
TIME COMPARE RAM
13
X
Sec Compare RAM
(0 – 59)
14
X
Min Compare RAM
(0 – 59)
15
X
Hours Compare RAM
(1 – 12 0 – 23)
16
X
DOM Compare RAM
(1 – 28293031)
17
X
Months Compare RAM (1 – 12)
18
X
DOW Compare RAM
(1 – 7)
TIME SAVE RAM
19
X
Seconds Time Save RAM
1A
X
Minutes Time Save RAM
1B
X
Hours Time Save RAM
1C
X
Day of Month Time Save RAM
1D
X
Months Time Save RAM
1E
1
RAM
1F
X
RAMTest Mode Register
Note 1
RSRegister Select (Bit D6 of Main Status Register)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com