Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8573AVX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DP8573AVX/NOPB
Description  DP8573A Real Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8573AVX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DP8573AVX/NOPB Datasheet HTML 1Page - Texas Instruments DP8573AVX/NOPB Datasheet HTML 2Page - Texas Instruments DP8573AVX/NOPB Datasheet HTML 3Page - Texas Instruments DP8573AVX/NOPB Datasheet HTML 4Page - Texas Instruments DP8573AVX/NOPB Datasheet HTML 5Page - Texas Instruments DP8573AVX/NOPB Datasheet HTML 6Page - Texas Instruments DP8573AVX/NOPB Datasheet HTML 7Page - Texas Instruments DP8573AVX/NOPB Datasheet HTML 8Page - Texas Instruments DP8573AVX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLF9981
May 1993
DP8573A Real Time Clock (RTC)
General Description
The DP8573A is intended for use in microprocessor based
systems where information is required for multi-tasking data
logging or general time of daydate information This device
is implemented in low voltage silicon gate microCMOS tech-
nology to provide low standby power in battery back-up en-
vironments The circuit’s architecture is such that it looks
like a contiguous block of memory or IO ports organized as
one block of 32 bytes This includes the Control Registers
the Clock Counters the Alarm Compare RAM and the Time
Save RAM
Time and date are maintained from 1100 of a second to
year and leap year in a BCD format 12 or 24 hour modes
Day of week and day of month counters are provided Time
is controlled by an on-chip crystal oscillator requiring only
the addition of the 32768 kHz crystal and two capacitors
Power failure logic and control functions have been integrat-
ed on chip This logic is used by the RTC to issue a power
fail interrupt and lock out the mP interface The time power
fails may be logged into RAM automatically when VBB l
VCC Additionally two supply pins are provided When VBB
l
VCC internal circuitry will automatically switch from the
main supply to the battery supply
The DP8573A’s interrupt structure provides three basic
types of interrupts Periodic AlarmCompare and Power
Fail Interrupt mask and status registers enable the masking
and easy determination of each interrupt
Features
Y
Full function real time clockcalendar
1224 hour mode timekeeping
Day of week counter
Parallel resonant oscillator
Y
Power fail features
Internal power supply switch to external battery
Power Supply Bus glitch protection
Automatic log of time into RAM at power failure
Y
On-chip interrupt structure
Periodic alarm and power fail interrupts
Block Diagram
TLF9981 – 1
FIGURE 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com