Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83910AV/63SN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DP83910AV/63SN
Description  DP83910A CMOS SNI Serial Network Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83910AV/63SN Datasheet(HTML) 8 Page - Texas Instruments

Back Button DP83910AV/63SN Datasheet HTML 4Page - Texas Instruments DP83910AV/63SN Datasheet HTML 5Page - Texas Instruments DP83910AV/63SN Datasheet HTML 6Page - Texas Instruments DP83910AV/63SN Datasheet HTML 7Page - Texas Instruments DP83910AV/63SN Datasheet HTML 8Page - Texas Instruments DP83910AV/63SN Datasheet HTML 9Page - Texas Instruments DP83910AV/63SN Datasheet HTML 10Page - Texas Instruments DP83910AV/63SN Datasheet HTML 11Page - Texas Instruments DP83910AV/63SN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
90 Switching Characteristics TA e 0 Cto70 C VCC e 5V g5%
Oscillator Specification
Symbol
Parameter
Min
Max
Units
tXTH
X1 to Transmit Clock High
5
30
ns
tXTL
X1 to Transmit Clock Low
5
30
ns
Transmit Timing (Start of Packet)
TLF9365 – 4
Transmit Specifications (Start of Packet)
Symbol
Parameter
Min
Max
Units
tTCh
Transmit Clock High Time (Note 1)
40
60
ns
tTCl
Transmit Clock Low Time (Note 1)
40
60
ns
tTCc
Transmit Clock Cycle Time (Note 1)
9999
10001
ns
tTCr
Transmit Clock Rise Time (20% to 80%) (CL e 30 pF)
8
ns
tTCf
Transmit Clock Fall Time (80% to 20%) (CL e 30 pF)
8
ns
tTEs
Transmit Enable Setup Time to Rising Edge of TXC (Note 1)
20
ns
tTDs
Transmit Data Setup Time from Rising Edge of TXC (Note 1)
20
ns
tTDh
Transmit Data Hold Time
0ns
from Rising Edge of TXC
tTOd
Transmit Output Delay from Rising Edge of TXC (Note 1)
65
ns
tTOf
Transmit Output Fall Time (80% to 20%)
7
ns
tTOr
Transmit Output Rise Time (20% to 80%)
7
ns
tTOj
Transmit Output Jitter
05 Typical
ns
Note 1
This parameter is measured using the fifty percent point of each clock edge
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com