Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7922AUJ-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7922AUJ-R2
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7922AUJ-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7922AUJ-R2 Datasheet HTML 24Page - Analog Devices AD7922AUJ-R2 Datasheet HTML 25Page - Analog Devices AD7922AUJ-R2 Datasheet HTML 26Page - Analog Devices AD7922AUJ-R2 Datasheet HTML 27Page - Analog Devices AD7922AUJ-R2 Datasheet HTML 28Page - Analog Devices AD7922AUJ-R2 Datasheet HTML 29Page - Analog Devices AD7922AUJ-R2 Datasheet HTML 30Page - Analog Devices AD7922AUJ-R2 Datasheet HTML 31Page - Analog Devices AD7922AUJ-R2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 29 of 32
EVALUATING AD7912/AD7922 PERFORMANCE
The evaluation board package includes a fully assembled and
tested evaluation board, documentation, and software for
controlling the board from a PC via the EVAL-CONTROL
BRD2.
The EVAL-CONTROL BRD2 can be used in conjunction with
the AD7912CB/AD7922CB evaluation board, as well as many
other Analog Devices evaluation boards ending in the CB
designator to demonstrate and evaluate the ac and dc
performance of the AD7912/AD7922.
The software allows the user to perform ac (Fast Fourier
Transform) and dc (histograms of codes) tests on the
AD7912/AD7922.
See the AD7912/AD7922 Technical Note for more information.
The technical note is included in the software, and it can also be
found on the www.analog.com website under the Design Tools
link on the AD7912/AD7922 product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com