Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMT-R1
Description  Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ40Z50RSMT-R1 Datasheet HTML 1Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 2Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 3Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 4Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
1
2
VC4
3
VC3
4
VC2
5
VC1
6
7
8
SRP
SRN
19
LEDCNTLC
18
LEDCNTLB
17
LEDCNTLA
SMBC
22
23
24
PBI
SMBD
21
20
DISP
PTC
PTCEN
NC
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
5 Description (continued)
The bq40z50-R1 device supports TURBO BOOST mode by providing the available max power and max current
to the host system. The device also supports Battery Trip Point to send a BTP interrupt signal to the host system
at the pre-set state of charge thresholds.
The bq40z50-R1 provides software-based 1st- and 2nd-level safety protection against overvoltage, undervoltage,
overcurrent, short-circuit current, overload, and overtemperature conditions, as well as other pack- and cell-
related faults.
SHA-1 authentication, with secure memory for authentication keys, enables identification of genuine battery
packs.
The compact 32-lead QFN package minimizes solution cost and size for smart batteries while providing
maximum functionality and safety for battery gauging applications.
6 Pin Configuration and Functions
RSM Package
32-Pin VQFN with Exposed Thermal Pad
Top View
Pin Functions
PIN NAME
NUMBER
TYPE(1)
DESCRIPTION
PBI
1
P
Power supply backup input pin
Sense voltage input pin for most positive cell, and balance current input for most positive
VC4
2
IA
cell
Sense voltage input pin for second most positive cell, balance current input for second
VC3
3
IA
most positive cell, and return balance current for most positive cell
Sense voltage input pin for third most positive cell, balance current input for third most
VC2
4
IA
positive cell, and return balance current for second most positive cell
Sense voltage input pin for least positive cell, balance current input for least positive cell,
VC1
5
IA
and return balance current for third most positive cell
Analog input pin connected to the internal coulomb counter peripheral for integrating a
SRN
6
I
small voltage between SRP and SRN where SRP is the top of the sense resistor.
NC
7
—
Not internally connected. Connect to VSS.
Analog input pin connected to the internal coulomb counter peripheral for integrating a
SRP
8
I
small voltage between SRP and SRN where SRP is the top of the sense resistor.
VSS
9
P
Device ground
TS1
10
IA
Temperature sensor 1 thermistor input pin
TS2
11
IA
Temperature sensor 2 thermistor input pin
TS3
12
IA
Temperature sensor 3 thermistor input pin
TS4
13
IA
Temperature sensor 4 thermistor input pin
NC
14
—
Not internally connected
(1)
P = Power Connection, O = Digital Output, AI = Analog Input, I = Digital Input, I/OD = Digital Input/Output
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com