Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04701 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BUF04701
Description  Multi-Channel LCD Gamma Correction Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF04701 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BUF04701 Datasheet HTML 9Page - Texas Instruments BUF04701 Datasheet HTML 10Page - Texas Instruments BUF04701 Datasheet HTML 11Page - Texas Instruments BUF04701 Datasheet HTML 12Page - Texas Instruments BUF04701 Datasheet HTML 13Page - Texas Instruments BUF04701 Datasheet HTML 14Page - Texas Instruments BUF04701 Datasheet HTML 15Page - Texas Instruments BUF04701 Datasheet HTML 16Page - Texas Instruments BUF04701 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
V
I
7.60
7.55
7.50
7.45
7.40
7.60
7.55
7.50
7.45
7.40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Time( s)
m
GammaChannels
V
Buffer
COM
V
=15VV =100mV
R =2k
T =+25 C
C =100pF
DD
I
L
A
L
W
°
7
6
5
4
3
2
1
0
5.15
5.10
5.05
5.00
4.95
4.90
4.85
4.80
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Time( s)
m
Channel1
V
=10V,V =5V
R =1k
T =+25 C
DD
I
L
A
C =100pF,R =100
C =100pF,
t =0.1 s,
S
S
L
T
W
m
W
°
TransientLoadPulse
OutputVoltage
7
6
5
4
3
2
1
0
5.10
5.05
5.00
4.95
4.90
4.85
4.80
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Time( s)
m
Channel1
V
=10V,V =5V
R =1k
T =+25 C
DD
I
L
A
C =100pF,R =100
C =100pF,
t =0.1 s,
S
S
L
T
W
m
W
°
6
5
4
3
2
1
0
5.8
5.6
5.4
5.2
5.0
4.8
4.6
0
1
2
3
4
5
6
7
8
Time( s)
m
Channel1
V
=10V,V =5V
R =1k
T =+25 C
DD
I
L
A
W, t =0.1 s
T
m
°
C =100pF
L
C =1000pF
L
C =10nF
R
=100
L
NULL
W
12
6
0
6
12
-
-
6.0
5.5
5.0
4.5
4.0
3.5
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
Time( s)
m
V
Buffer
COM
V
=10V,V =5V
R =500
T =+25 C
DD
I
L
A
W, t =0.1 s
T
m
°
C =10nF
L
C =500pFand
1000pF
L
C =100nF
R
=20
L
NULL
W
Sinking
Sourcing
6
5
4
3
2
1
0
5.4
5.2
5.0
4.8
4.6
4.4
0
1
2
3
4
5
6
7
8
Time( s)
m
Channel1
V
=10V,V =5V
R =1k
T =+25 C
DD
I
L
A
W, t =0.1 s
T
m
°
C =100pF
L
C =1000pF
L
C =10nF
R
=100
L
NULL
W
BUF07703
BUF06703
BUF05703
www.ti.com
SBOS269C – MARCH 2003 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued)
At VDD = 10V, unless otherwise noted.
SMALL-SIGNAL VOLTAGE FOLLOWER
TRANSIENT LOAD RESPONSE: SOURCING
Figure 29.
Figure 30.
TRANSIENT LOAD RESPONSE: SINKING
TRANSIENT LOAD REGULATION: SINKING
Figure 31.
Figure 32.
TRANSIENT LOAD REGULATION: SOURCING
TRANSIENT LOAD REGULATION: VCOM BUFFER
Figure 33.
Figure 34.
Copyright © 2003–2010, Texas Instruments Incorporated
13
Product Folder Link(s): BUF07703 BUF06703 BUF05703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com