Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9786 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9786 Datasheet HTML 17Page - Analog Devices AD9786 Datasheet HTML 18Page - Analog Devices AD9786 Datasheet HTML 19Page - Analog Devices AD9786 Datasheet HTML 20Page - Analog Devices AD9786 Datasheet HTML 21Page - Analog Devices AD9786 Datasheet HTML 22Page - Analog Devices AD9786 Datasheet HTML 23Page - Analog Devices AD9786 Datasheet HTML 24Page - Analog Devices AD9786 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
AD9786
Rev. 0 | Page 21 of 60
MODE CONTROL (VIA SERIAL PORT)
Table 11.
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
COMMS
00
SDIODIR
DATADIR
SWRST
SLEEP
PDN
EXREF
FILTER
01
INTERP[1]
INTERP[0]
ZSTUFF
HPFX8
HPFX4
HPFX2
DATA
02
DATAFMT
ONEPORT
DCLKSTR
DCLKPOL
DCLKEXT
DCLKCRC
IQPOL
CRAYDIN
MODULATE
03
CHANNEL
HILBERT
MODDUAL
SIDEBAND
MOD[1]
MOD[0]
RESERVED
04
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
DCLKCRC
05
DATADJ[3]
DATADJ[2]
DATADJ[1]
DATADJ[0]
MODSYNC
MODADJ[2]
MODADJ[1]
MODADJ[0]
06
Reserved
07
Reserved
08
Reserved
09
Reserved
0A
Reserved
0B
Reserved
0C
Reserved
0D
Reserved
CALMEMCK
0E
CALMEM[1]
CALMEN[0]
CALCKDIV[2]
CALCKDIV[2]
CALCKDIV[2]
MEMRDWR
0F
CALSTAT
CALEN
XFERSTAT
XFEREN
SMEMWR
SMEMRD
FMEMRD
UNCAL
MEMADDR
10
MEMADDR[7]
MEMADDR[6]
MEMADDR[5]
MEMADDR[4]
MEMADDR[3]
MEMADDR[2]
MEMADDR[1]
MEMADDR[0]
MEMDATA
11
MEMDATA[5]
MEMDATA[4]
MEMDATA[3]
MEMDATA[2]
MEMDATA[1]
MEMDATA[0]
DCRCSTAT
12
DCRCSTAT[2]
DCRCSTAT[1]
DCRCSTAT[0]
Table 12.
COMMS(00)
Bit
Direction
Default
Description
SDIODIR
7
I
0
0: SDIO pin configured for input only during data transfer
1: SDIO configured for input or output during data transfer
DATADIR
6
I
0
0: Serial data uses MSB first format
1: Serial data uses LSB first format
SWRST
5
I
0
1: Default all serial register bits, except addresses 00h and 04h
SLEEP
4
I
0
1: DAC output current off
PDN
3
I
0
1: All analog and digital circuitry, except serial interface, off
EXREF
0
I
0
0: Internal band gap reference
1: External reference
Table 13.
FILTER(01)
Bit
Direction
Default
Description
INTERP[1:0]
[7:6]
I
00
00: No interpolation
01: Interpolation 2×
10: Interpolation 4×
11: Interpolation 8×
ZSTUFF
3
I
0
1: Zero Stuffing on
HPFX8
2
I
0
0: ×8 interpolation filter configured for low pass
1: ×8 interpolation filter configured for high pass
HPFX4
1
I
0
0: ×4 interpolation filter configured for low pass
1: ×4 interpolation filter configured for high pass
HPFX2
0
I
0
0: ×2 interpolation filter configured for low pass
1: ×2 interpolation filter configured for high pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com