Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9864 Datasheet HTML 14Page - Analog Devices AD9864 Datasheet HTML 15Page - Analog Devices AD9864 Datasheet HTML 16Page - Analog Devices AD9864 Datasheet HTML 17Page - Analog Devices AD9864 Datasheet HTML 18Page - Analog Devices AD9864 Datasheet HTML 19Page - Analog Devices AD9864 Datasheet HTML 20Page - Analog Devices AD9864 Datasheet HTML 21Page - Analog Devices AD9864 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD9864
Rev. 0 | Page 18 of 44
T
PE
PC
PD
DON'T
CARE
DON'T
CARE
DON'T
CARE
DON'T
CARE
DON'T
CARE
DON'T
CARE
DON'T
CARE
DOUTB
D1
D0
D6
D7
D1
D0
D6
D7
R/W
A5
A1
A0
tS
tHI tLOW
tDS
tDH
tDV
tEZ
tCLK
Figure 30. SPI Read Operation Timing
SYNCHRONOUS SERIAL INTERFACE (SSI)
The AD9864 provides a high degree of programmability of its
SSI output data format, control signals, and timing parameters
to accommodate various digital interfaces. In a 3-wire digital
interface, the AD9864 provides a frame sync signal (FS), a clock
output (CLKOUT), and a serial data stream (DOUTA) signal to
the host device. In a 2-wire interface, the frame sync informa-
tion is embedded into the data stream, thus only CLKOUT and
DOUTA output signals are provided to the host device. The SSI
control registers are SSICRA, SSICRB, and SSIORD. Table 8
shows the different bit fields associated with these registers.
The primary output of the AD9864 is the converted I and Q
demodulated signal available from the SSI port as a serial bit
stream contained within a frame. The output frame rate is equal
to the modulator clock frequency (fCLK) divided by the digital
filter’s decimation factor that is programmed in the Decimator
Register (0x07). The bit stream consists of an I word followed
by a Q word, where each word is either 24 bits or 16 bits long
and is given MSB first in twos complement form. Two optional
bytes may also be included within the SSI frame following the
Q word. One byte contains the AGC attenuation and the other
byte contains both a count of modulator reset events and an
estimate of the received signal amplitude (relative to full scale
of the AD9864’s ADC). Figure 31 illustrates the structure of the
SSI data frames in a number of SSI modes.
The two optional bytes are output if the EAGC bit of SSICRA is
set. The first byte contains the 8-bit attenuation setting (0 = no
attenuation, 255 = 24 dB of attenuation), while the second byte
contains a 2-bit reset field and 6-bit received signal strength
field. The reset field contains the number of modulator reset
events since the last report, saturating at 3. The received signal
strength (RSSI) field is a linear estimate of the signal strength at
the output of the first decimation stage; 60 corresponds to a
full-scale signal.
The two optional bytes follow the I and Q data as a 16-bit word
provided that the AAGC bit of SSICRA is not set. If the AAGC
bit is set, the two bytes follow the I and Q data in an alternating
fashion. In this alternate AGC data mode, the LSB of the byte
containing the AGC attenuation is a 0, while the LSB of the
byte containing reset and RSSI information is always a 1.
In a 2-wire interface, the embedded frame sync bit (EFS) within
the SSICRA register is set to 1. In this mode, the framing
information is embedded in the data stream, with each eight
bits of data surrounded by a start bit (low) and a stop bit (high),
and each frame ends with at least 10 high bits. FS remains
either low or three-stated (default), depending on the state of
the SFST bit. Other control bits can be used to invert the frame
sync (SFSI), to delay the frame sync pulse by one clock period
(SLFS), to invert the clock (SCKI), or to three-state the clock
(SCKT). Note that if EFS is set, SLFS is a Don’t Care.
24-BIT I AND Q, EAGC = 0, AAGC = X:48 DATA BITS
24-BIT I AND Q, EAGC = 1, AAGC = 0:64 DATA BITS
16-BIT I AND Q, EAGC = 0, AAGC = X:32 DATA BITS
16-BIT I AND Q, EAGC = 0, AAGC = 0:32 DATA BITS
16-BIT I AND Q, EAGC = 1, AAGC = 1:40 DATA BITS
RESET COUNT
RESET COUNT
I(15:0)
Q(15:0)
Q(15:0)
I(15:0)
ATTN(7:1)
Q(15:0)
I(15:0)
Q(15:0)
I(15:0)
Q(23:0)
I(23:0)
Q(23:0)
I(23:0)
ATTN(7:0)
ATTN(7:0)
SSI(5:1)
SSI(5:0)
SSI(5:0)
1
0
Figure 31. SSI Frame Structure
The SSIORD register controls the output bit rate (fCLKOUT) of the
serial bit stream. fCLKOUT can be set equal to the modulator clock
frequency (fCLK) or an integer fraction of it. It is equal to fCLK
divided by the contents of the SSIORD register. Note that fCLKOUT
should be chosen such that it does not introduce harmful spurs
within the pass band of the target signal. Users must verify that
the output bit rate is sufficient to accommodate the required
number of bits per frame for a selected word size and decimation
factor. Idle (high) bits are used to fill out each frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com