Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8066ARM Datasheet(PDF) 7 Page - Analog Devices

Part # AD8066ARM
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8066ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8066ARM Datasheet HTML 3Page - Analog Devices AD8066ARM Datasheet HTML 4Page - Analog Devices AD8066ARM Datasheet HTML 5Page - Analog Devices AD8066ARM Datasheet HTML 6Page - Analog Devices AD8066ARM Datasheet HTML 7Page - Analog Devices AD8066ARM Datasheet HTML 8Page - Analog Devices AD8066ARM Datasheet HTML 9Page - Analog Devices AD8066ARM Datasheet HTML 10Page - Analog Devices AD8066ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8065/AD8066
Rev. E | Page 7 of 28
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8065/AD8066
packages is limited by the associated rise in junction
temperature (TJ) on the die. The plastic encapsulating the die
will locally reach the junction temperature. At approximately
150°C, which is the glass transition temperature, the plastic will
change its properties. Even temporarily exceeding this
temperature limit can change the stresses that the package
exerts on the die, permanently shifting the parametric
performance of the AD8065/AD8066. Exceeding a junction
temperature of 175°C for an extended period of time can result
in changes in the silicon devices, potentially causing failure.
The still-air thermal properties of the package and PCB (θJA),
ambient temperature (TA), and total power dissipated in the
package (PD) determine the junction temperature of the die. The
junction temperature can be calculated as
(
)
JA
D
A
J
P
T
T
θ
×
+
=
The power dissipated in the package (
PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (
VS) times the
quiescent current (
IS). Assuming the load (RL) is referenced to
midsupply, then the total drive power is
VS /2 × IOUT, some of
which is dissipated in the package and some in the load (
VOUT ×
IOUT). The difference between the total drive power and the load
power is the drive power dissipated in the package.
(
)
Power
Load
Power
Drive
Total
Power
Quiescent
PD
−
+
=
()
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
2
−
⎟
⎠
⎞
⎜
⎝
⎛
×
+
×
=
RMS output voltages should be considered. If
RL is referenced to
VS−, as in single-supply operation, then the total drive power is
VS × IOUT.
If the rms signal levels are indeterminate, then consider the
worst case, when
VOUT = VS/4 for RL to midsupply.
() ()
L
S
S
S
D
R
V
I
V
P
2
4
/
+
×
=
In single-supply operation with RL referenced to VS−, worst case
is VOUT = VS/2.
0
0.5
1.0
1.5
2.0
20
0
–40
–20
–60
40
60
80
100
AMBIENT TEMPERATURE (°C)
MSOP-8
SOIC-8
SOT-23-5
Figure 3. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
Airflow will increase heat dissipation, effectively reducing θJA.
Also, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes will
reduce the θJA. Care must be taken to minimize parasitic
capacitances at the input leads of high speed op amps as
discussed in the Layout, Grounding, and Bypassing
Considerations section.
Figure 3 shows the maximum safe power dissipation in the
package versus the ambient temperature for the SOIC
(125°C/W), SOT-23 (180°C/W), and MSOP (150°C/W)
packages on a JEDEC standard 4-layer board. θJA values are
approximations.
OUTPUT SHORT CIRCUIT
Shorting the output to ground or drawing excessive current for
the AD8065/AD8066 will likely cause catastrophic failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com