Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9882 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9882
Description  Dual Interface for Flat Panel Displays
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9882 Datasheet HTML 17Page - Analog Devices AD9882 Datasheet HTML 18Page - Analog Devices AD9882 Datasheet HTML 19Page - Analog Devices AD9882 Datasheet HTML 20Page - Analog Devices AD9882 Datasheet HTML 21Page - Analog Devices AD9882 Datasheet HTML 22Page - Analog Devices AD9882 Datasheet HTML 23Page - Analog Devices AD9882 Datasheet HTML 24Page - Analog Devices AD9882 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
REV. A
AD9882
–21–
GENERAL TIMING DIAGRAMS (DIGITAL INTERFACE)
80%
20%
DLHT
80%
20%
DHLT
Figure 11. Digital Output Rise and Fall Times
TCIH, R CIH
TCIP, R CIP
TCIL, R CIL
Figure 12. Clock Cycle/High/Low Times
TCSS
VDIFF = 0V
VDIFF = 0V
RX0
RX1
RX2
Figure 13. Channel-to-Channel Skew Timing
TIMING MODE DIAGRAMS (DIGITAL INTERFACE)
TST
INTERNAL
FIRST PIXEL
SECOND PIXEL
THIRD PIXEL
FOURTH PIXEL
ODCLK
DATACK
DE
DATAOUT
Figure 14. DVI CLK Invert = 1 (Register 14, Bit 4)
TST
INTERNAL
FIRST PIXEL
SECOND PIXEL
THIRD PIXEL
FOURTH PIXEL
ODCLK
DATACK
DE
DATAOUT
Figure 15. DVI CLK Invert = 0 (Register 14, Bit 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com