Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9882/PCB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9882/PCB
Description  Dual Interface for Flat Panel Displays
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882/PCB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9882/PCB Datasheet HTML 19Page - Analog Devices AD9882/PCB Datasheet HTML 20Page - Analog Devices AD9882/PCB Datasheet HTML 21Page - Analog Devices AD9882/PCB Datasheet HTML 22Page - Analog Devices AD9882/PCB Datasheet HTML 23Page - Analog Devices AD9882/PCB Datasheet HTML 24Page - Analog Devices AD9882/PCB Datasheet HTML 25Page - Analog Devices AD9882/PCB Datasheet HTML 26Page - Analog Devices AD9882/PCB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
REV. A
AD9882
–23–
Table IX. Control Register Map (continued)
Hex
Read and Write
Default
Address
or Read Only
Bit
Value
Register Name
Function
10
R/W
7
0
*** ****
Hsync Polarity Override
0 = Polarity determined by chip
1 = Polarity set by 10H, Bit 6
6
*1** ****
Input Hsync Polarity
0 = Active low polarity
1 = Active high polarity
5
**0* ****
Output Hsync Polarity
0 = Active high sync signal
1 = Active low sync signal
4
***0 ****
Active Hsync Override
0 = No override
1 = User overrides, analog Hsync set by 10H, Bit 3
3
**** 0***
Active Hsync Select
0 = Analog Hsync from the Hsync input pin
1 = Analog Hsync from SOG
This bit is used if Register 10H, Bit 4 is set to
1 or if both syncs are active.
2
**** *0**
Output Vsync Polarity
0 = Invert
1 = Not inverted
1
**** **0*
Active Vsync Override
0 = No override
1 = User overrides, analog Vsync set by 10H, Bit 0
0
**** ***0Active Vsync Select
0 = Analog Vsync from the Vsync input pin
1 = Analog Vsync from sync separator
11
R/W
7
0
*** ****
Clamp Function
0 = Clamping with internal clamp
1 = Clamping disabled
6
*0** ****
Red Clamp Select
0 = Clamp to ground
1 = Clamp to midscale for red channel
5
**0* ****
Green Clamp Select
0 = Clamp to ground
1 = Clamp to midscale for green channel
4
***0 ****
Blue Clamp Select
0 = Clamp to ground
1 = Clamp to midscale for blue channel
3
**** 1***
Coast Select
0 = Disabled coast
1 = Coasting with internally generated coast signal
2
**** *0**
Coast Polarity Override
0 = Coast polarity determined by the chip
1 = Coast polarity set by 11H, Bit 1
This bit must be set to 1 to disable coast.
1
**** **1*
Input Coast Polarity
0 = Active low coast signal
1 = Active high coast signal
This bit must be set to 1 to disable coast.
12
R/W
7–0
0000 0000
Pre-Coast
Number of Hsync periods that coast goes active
prior to Vsync.
13
R/W
7–0
0000 0000
Post-Coast
Number of Hsync periods before coast goes inactive
following Vsync.
14
R/W
7–611
** ****
Output Drive Select
Selects among high, medium, and low output
drive strength.
5
**1* ****
Programmable Bandwidth
0 = Low bandwidth of 10 MHz
1 = High bandwidth of 300 MHz
4
***0 ****
DVI Clock Invert
0 = DVI data clock output not inverted
1 = DVI data clock output inverted
For digital interface only.
3
**** 0***
DVI PDO Three-State
0 = Normal outputs
1 = High impedance outputs
2
**** *0**
HDCP Address
Address Bit 0 = 0 for HDCP Slave Port
Address Bit 1 = 1 for HDCP Slave Port
1
**** **1*
Power-Down
0 = Full chip power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com