Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83905 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83905
Description  AT Local Area Network Twisted-Pair Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83905 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83905 Datasheet HTML 9Page - National Semiconductor (TI) DP83905 Datasheet HTML 10Page - National Semiconductor (TI) DP83905 Datasheet HTML 11Page - National Semiconductor (TI) DP83905 Datasheet HTML 12Page - National Semiconductor (TI) DP83905 Datasheet HTML 13Page - National Semiconductor (TI) DP83905 Datasheet HTML 14Page - National Semiconductor (TI) DP83905 Datasheet HTML 15Page - National Semiconductor (TI) DP83905 Datasheet HTML 16Page - National Semiconductor (TI) DP83905 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
40 Functional Description (Continued)
42 POWER ON RESET OPERATION
The ATLANTIC Controller configures itself after a Reset
signal is applied To be recognized as a valid Power-On-Re-
set the Reset signal must be active for at least 415 ms
Figure 9 shows how the RESET circuitry operates
TLF11498 – 7
FIGURE 9 RESET Operation
The ISA standard determines that within 500 ns of RESET
going active all devices should enter the appropriate reset
condition The ATLANTIC Controller will generate the inter-
nal signal IOinactive after RESET has been active for
415 ns which will disable all outputs and cause RESET to
be the only input monitored The ATLANTIC Controller will
not respond to a RESET pulse of shorter duration than this
An internal timer continues to monitor the amount of time
RESET is active After 415 ms it is considered a valid Power-
On-Reset and an internal signal called RegLoad is generat-
ed
When a Power-On-Reset occurs the ATLANTIC Controller
latches in the values on the configuration pins and uses
these to configure the internal registers and options Inter-
nally these pins contain pull-down resistors which are en-
abled when IOinactive goes active If any pins are uncon-
nected they default to a logic zero The internal pull-down
resistor has a high resistance to allow the external pull-up
resistors to be of a high value This limits the current taken
by the memory support bus The suggested external resistor
value is 10 kX The configuration registers are loaded from
the memory support bus when RESET goes inactive if Reg-
Load is active The internal pull-down resistors are enabled
onto the bus until RegLoad has gone inactive
A Power-On-Reset also causes the ATLANTIC Controller
to load the internal PROM store from the EEPROM which
can take up to 320 ms This occurs after RegLoad has gone
inactive The ATLANTIC Controller will be inaccessible dur-
ing this time If EECONFIG is held high the configuration
data loaded on the falling edge of RESET will be overwritten
with data read from the serial EEPROM Regardless of the
level on EECONFIG the PROM store will always be loaded
with data from the serial EEPROM during the time specified
as EELoad
43 EEPROM OPERATION
The
ATLANTIC
Controller
uses
an
NM93C06
or
EEPROM with compatible timings The NM93C06 is a 256-
bit device arranged as 16 words each 16 bits wide The
programmed contents of the EEPROM is shown in
Figure
10
Mapping EEPROM Into PROM Space
Data is read from the EEPROM at boot time and stored in
registers within the ATLANTIC Controller While this opera-
tion takes place the ATLANTIC Controller can not be ac-
D15
D0
0FH
73H
Config C
0EH
Config B
Config A



08H
42H
42H
07H
57H
57H



03H
Reserved
Reserved
(Checksum)
(Board Type)
02H E’net Address 5 E’net Address 4
01H E’net Address 3 E’net Address 2
00H E’net Address 1 E’net Address 0
Note 1
The contents of locations 03H and 04H differ between IO Mode
and Shared Memory Mode The Shared Memory Mode values are shown in
parentheses For compatibility with both modes default to the shared memo-
ry mode values
Note 2
Programming 73H into the upper address is not absolutely required
but is strongly recommended for future compatibility of manufacturing pro-
cess
FIGURE 10 EEPROM Programming Map
cessed by the system These registers are mapped into the
space traditionally occupied by the PROM in the NE2000 or
the EtherCard PLUS16 The size and format of this data
read is determined by the mode of operation
SHARED MEMORY MODE
In this mode program the EEPROM to contain the node’s
Ethernet address in the first six bytes a byte identifying the
type of board ATLANTIC Controller is emulating in byte 7
and a checksum byte in byte 8 The two’s complement sum
of these eight bytes should equal FFH
In this Mode the ATLANTIC Controller reads the first 4
words from the EEPROM and maps them into the IO map
at the appropriate address
IO PORT MODE
In this mode program the EEPROM to contain the node’s
Ethernet address in the first six bytes The user should then
program 5757H and 4242H into the subsequent bytes The
ATLANTIC Controller will decide which of these values
should be loaded into the PROM store depending on the
DWlD pin (The data width is programmed in this mode by
setting the WTS bit in the Data Configuration Register and
setting the DWlD pin for the proper mode) If some other
numerical values are preferred to indicate the mode then
they can be programmed at this location in the EEPROM
and ATLANTIC Controller will put them at the correct ad-
dress
In this mode the ATLANTIC Controller reads the first 7
words from the EEPROM and maps them into the memory
map at the appropriate address If in 16-bit mode it also
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com