Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # EV
Description  EV Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

EV Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  EV Datasheet HTML 1Page - Sharma Electro Components,Inc EV Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX DISSIPATION FACTOR (tanδ / 120Hz,20℃) / MAX PERMISSIBLE RIPPLE CURRENT
(RC(mArms) / 100KHz,105℃) / MAX IMPEDANCE (Z(Ω) / 100KHz,20℃)
6.3
10
SPEC
μF
ψDxL
tanδ
RC
Z
ψDxL
tanδ
RC
Z
22
4x5.4
0.26
75
2.40
5x5.4
0.30
120
1.20
33
5x5.4
0.26
120
1.20
5x5.4
0.20
120
1.20
47
5x5.4
0.26
120
1.20
6.3x5.4
0.26
200
0.60
68
6.3x5.4
0.26
200
0.60
6.3x5.4
0.26
200
0.60
100
6.3x5.4
0.26
200
0.60
8*6.2
0.26
280
0.30
150
8x6.2
0.35
280
0.30
8x6.2
0.26
280
0.30
220
8x6.2
0.35
280
0.30
8x10.2
0.26
560
0.22
330
8x10.2
0.35
560
0.22
8x10.2
0.26
560
0.22
470
10x10.2
0.35
800
0.12
10x10.2
0.26
800
0.12
1000
10x10.2
0.35
800
0.12
10x10.2
0.26
800
0.12
16
25
SPEC
μF
ψDxL
tanδ
RC
Z
ψDxL
tanδ
RC
Z
4.7
4x5.4
0.26
75
2.40
4x5.4
0.14
75
2.40
6.8
4x5.4
0.26
75
2.40
4x5.4
0.14
75
2.40
10
4*5.4
0.16
75
2.40
5x5.4
0.14
120
1.20
22
5x5.4
0.16
120
1.20
6.3x5.4
0.14
200
0.60
33
6.3*5.4
0.16
200
0.60
6.3x5.4
0.14
200
0.60
47
6.3x5.4
0.16
200
0.60
8x6.2
0.16
280
0.30
68
8x6.2
0.20
280
0.30
8x10.2
0.16
560
0.22
100
8x6.2
0.20
280
0.30
8x10.2
0.16
560
0.22
150
8x10.2
0.20
560
0.22
10x10.2
0.16
800
0.12
220
8x10.2
0.20
560
0.22
10x10.2
0.16
800
0.12
330
10x10.2
0.20
800
0.12
470
10x10.2
0.20
800
0.12
Case Size / tanδ/ Max Ripple Current / Impedance
WV
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com