Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FV Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # FV
Description  FV Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

FV Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  FV Datasheet HTML 1Page - Sharma Electro Components,Inc FV Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX DISSIPATION FACTOR (tanä / 120Hz,20℃) / MAX PERMISSIBLE RIPPLE CURRENT
(RC(mArms) / 120Hz,85℃) / MAX EQUIVALENT SERIES RESISTANCE(ESR(Ω) / 120Hz,20℃)
4
6.3
10
16
SPEC
μF
ΨDxL tanä
RC
ESR
ψDxL tanä
RC
ESR
ψDxL
tanä
RC
ESR
ψDxL tanä RC ESR
4.7
4x5.4
0.16
20
45.1
10
4x5.4
0.16
28
21.1
4x5.4
0.26
27
22
4x5.4
0.35
19
21.1
4x5.4
0.26
20
15.6
4x5.4
0.30
28
18.0
5x5.4
0.16
39
15.6
4x5.4
0.30
29
12.0
5x5.4
0.26
45
10.4
33
4x5.4
0.35
26
14.0
5x5.4
0.26
22
10.4
5x5.4
0.20
43
8.03
6.3x5.4
0.16
66
6.43
47
4x5.4
0.35
34
9.87
5x5.4
0.26
46
7.33
5x5.4
0.30
43
8.46
6.3x5.4
0.16
70
4.51
100
5x5.4
0.35
61
4.64
6.3x5.4
0.26
71
3.44
6.3x5.4
0.26
70
3.44
6.3x5.4
0.20
70
2.65
220
6.3x5.4
0.35
82
2.11
8x6.2
0.35
250
2.11
8x6.2
0.26
250
1.56
8x10.2
0.20
280
1.20
330
8x6.2
0.35
300
1.40
8x10.2
0.26
330
1.04
10x10.2 0.20
380
0.803
470
8x10.2
0.35
380
0.987
10x10.2
0.26
400
0.733 10x10.2 0.20
420
0.564
1000
10x10.2
0.35
700
0.464
10x10.2
0.26
580
0.344
25
35
50
SPEC
μF
ψDxL tanä
RC
ESR
ψDxL
tanä
RC
ESR
ψDxL
tanä
RC
ESR
0.1
4x5.4
0.12
1
1593
0.22
4x5.4
0.12
2
723
0.33
4x5.4
0.12
3
482
0.47
4x5.4
0.12
5
338
1
4x5.4
0.12
10
159
2.2
4x5.4
0.12
8
72.3
4x5.4
0.12
16
72.3
3.3
4x5.4
0.12
10
48.2
4x5.4
0.12
16
48.2
4.7
4x5.4
0.14
22
39.5
4x5.4
0.12
22
33.8
5x5.4
0.12
23
33.8
4x5.4
0.20
24
26.5
4x5.4
0.16
24
21.2
10
5x5.4
0.14
28
18.5
5x5.4
0.12
30
15.9
6.3x5.4
0.12
35
15.9
22
6.3x5.4
0.14
55
8.44
6.3x5.4
0.12
60
7.23
8x6.2
0.12
110
7.23
33
6.3x5.4
0.14
65
5.62
8x6.2
0.14
130
5.62
8x10.2
0.12
120
4.82
6.3x5.4
0.20
70
5.64
47
8x6.2
0.16
96
4.51
8x6.2
0.14
165
3.95
10x10.2
0.12
130
3.38
100
8x10.2
0.16
180
2.12
10x10.2
0.14
210
1.85
10x10.2
0.12
190
1.59
220
10x10.2
0.16
310
0.964
10x10.2
0.14
310
0.844
10x10.2
0.12
300
0.723
Case Size / tanδ/ Max Ripple Current / ESR
WV
WV
Sharma Electrolytic Capacitor
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com